Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD113-B1-02EL Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ESD113-B1-02EL
Description  Pb-free and halogen-free package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD113-B1-02EL Datasheet(HTML) 5 Page - Infineon Technologies AG

  ESD113-B1-02EL Datasheet HTML 1Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 2Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 3Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 4Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 5Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 6Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 7Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 8Page - Infineon Technologies AG ESD113-B1-02EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ESD113-B1 Series
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Final Data Sheet
5
Revision 1.2, 2014-05-14
Table 3-1
DC Characteristics at T
A = 25 °C, unless otherwise specified
1)
1) Device is electrically symmetrical
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Reverse working voltage
V
RWM
-3.6
3.6
V
Trigger voltage
V
t1
4––
Holding voltage
V
h
44.6
5.5
I
T =10mA
Reverse leakage current
I
R
–<1
20
nA
V
R =3.3 V
Table 3-2
AC Characteristics at T
A = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Line capacitance
C
L
0.2
0.35
pF
V
R =0V, f =1MHz
–0.2
V
R =0V, f =1GHz
Series inductance
L
S
0.2
0.4
nH
ESD113-B1-02ELS
ESD113-B1-02EL
Table 3-3
ESD and Surge Characteristics at T
A = 25 °C, unless otherwise specified
1)
1) Device is electrically symmetrical
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Clamping voltage
2)
2) Please refer to Application Note AN210
[1].TLP parameter: Z
0 = 50 Ω , tp = 100ns, tr = 300ps.
V
CL
–14
V
I
TLP =16 A, tp = 100 ns
–20
I
TLP =30 A, tp = 100 ns
Clamping voltage
3)
3) Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5
–6
I
PP =1A, tp =8/20 μs
–8
I
PP =3A, tp =8/20 μs
Dynamic resistance
2)
R
DYN
–0.45
Ω
t
p = 100 ns


Similar Part No. - ESD113-B1-02EL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD110 ETC-ESD110 Datasheet
921Kb / 2P
   Bluetooth-serial Module
logo
Infineon Technologies A...
ESD110-B1 INFINEON-ESD110-B1 Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02EL INFINEON-ESD110-B1-02EL Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02ELS INFINEON-ESD110-B1-02ELS Datasheet
884Kb / 17P
   ESD / transient protection according to
logo
Socay Electornics Co., ...
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD113-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
logo
Cystech Electonics Corp...
MTE030N15RH8 CYSTEKEC-MTE030N15RH8 Datasheet
600Kb / 10P
   Pb-free lead plating and Halogen-free package
logo
Infineon Technologies A...
ESD221-U1-02EL INFINEON-ESD221-U1-02EL Datasheet
432Kb / 14P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-20
ESD311-U1-02N INFINEON-ESD311-U1-02N Datasheet
556Kb / 13P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-28
logo
Dialog Semiconductor
SLG7NT4204 DIALOG-SLG7NT4204 Datasheet
249Kb / 10P
   Pb-Free TDFN-12 Package
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
Rohm
QDZ5.6 ROHM-QDZ5.6 Datasheet
834Kb / 9P
   Small silicon package Halogen free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com