Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU6624C Datasheet(PDF) 4 Page - New Japan Radio

Part No. NJU6624C
Description  14-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with SMOOTH SCROLL FUNCTION
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJU6624C Datasheet(HTML) 4 Page - New Japan Radio

  NJU6624C Datasheet HTML 1Page - New Japan Radio NJU6624C Datasheet HTML 2Page - New Japan Radio NJU6624C Datasheet HTML 3Page - New Japan Radio NJU6624C Datasheet HTML 4Page - New Japan Radio NJU6624C Datasheet HTML 5Page - New Japan Radio NJU6624C Datasheet HTML 6Page - New Japan Radio NJU6624C Datasheet HTML 7Page - New Japan Radio NJU6624C Datasheet HTML 8Page - New Japan Radio NJU6624C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
NJU6624C
NJU6624C
g
gFUNCTIONAL DESCRIPTION
FUNCTIONAL DESCRIPTION
(1-1)Register
(1-1)Register
The NJU6624C incorporates two 8-bit registers, an Instruction Register(IR) and a Data Register(DR). The Register
The NJU6624C incorporates two 8-bit registers, an Instruction Register(IR) and a Data Register(DR). The Register
(IR) stores instruction codes such as "Clear Display" and "Cursor Shift" or address data for Display Data RAM(DD
(IR) stores instruction codes such as "Clear Display" and "Cursor Shift" or address data for Display Data RAM(DD
RAM), Character Generator RAM(CG RAM) and Icon Display RAM (MK RAM).
RAM), Character Generator RAM(CG RAM) and Icon Display RAM (MK RAM).
The Register(DR) is a temporary register, the data in the Register(DR) is written into the DD RAM, CG RAM or
The Register(DR) is a temporary register, the data in the Register(DR) is written into the DD RAM, CG RAM or
MK RAM.
MK RAM.
The data in the Register(DR) written by the MPU is transferred automatically to the DD RAM, CG RAM or MK
The data in the Register(DR) written by the MPU is transferred automatically to the DD RAM, CG RAM or MK
RAM by internal operation.
RAM by internal operation.
These two registers are selected by the selection signal RS as shown below.
These two registers are selected by the selection signal RS as shown below.
(1-2)Address Counter (AC)
(1-2)Address Counter (AC)
The address counter(AC) addresses the DD RAM, CG RAM or MK RAM.
The address counter(AC) addresses the DD RAM, CG RAM or MK RAM.
When the address setting instruction is written into the Register(IR), the address information is transferred from
When the address setting instruction is written into the Register(IR), the address information is transferred from
Register(IR) to the Counter(AC). The selection of either the DD RAM, CG RAM or MK RAM is also determined by
Register(IR) to the Counter(AC). The selection of either the DD RAM, CG RAM or MK RAM is also determined by
this instruction.
this instruction.
After writing (or reading) the display data to (or from) the DD RAM, CG RAM or MK RAM, the Counter(AC) incre-
After writing (or reading) the display data to (or from) the DD RAM, CG RAM or MK RAM, the Counter(AC) incre-
ments (or decrements) automatically.
ments (or decrements) automatically.
(1-3)Display Data RAM (DD RAM)
(1-3)Display Data RAM (DD RAM)
The display data RAM (DD RAM) consist of 14x 8 bits stores up to 14-character display data represented in 8-bit
The display data RAM (DD RAM) consist of 14x 8 bits stores up to 14-character display data represented in 8-bit
code. (2 out of the 14characters are used for scroll RAM.)
code. (2 out of the 14characters are used for scroll RAM.)
The DD RAM address data set in the address counter(AC) is represented in Hexadecimal.
The DD RAM address data set in the address counter(AC) is represented in Hexadecimal.
(Example) DD RAM address " 08 "
(Example) DD RAM address " 08 "
Higher
Lower
AC
AC4
AC3
AC 2
AC 1
AC 0
HEX.
HEX.
0
1
0
0
0
8
8
0
0
When the display shift is performed,the DD RAM address changes as follows:
When the display shift is performed,the DD RAM address changes as follows:
( Left Shift Display )
( Left Shift Display )
0D
00
01
02
03
04
05
06
07
08
09
0A
0B
0C =>(0D)
( Right Shift Display )
( Right Shift Display )
The Character Generator ROM (CG ROM) generates 5 x 7 dots character pattern represented in 8-bit character
The Character Generator ROM (CG ROM) generates 5 x 7 dots character pattern represented in 8-bit character
code.
code.
The storage capacity is up to 224 kinds of 5 x 7 dots character pattern(available address is (20)
The storage capacity is up to 224 kinds of 5 x 7 dots character pattern(available address is (20)HH through (FF)
through (FF)HH).
).
The correspondence between character code and standard character pattern of NJU6624C is shown in Table 2.
The correspondence between character code and standard character pattern of NJU6624C is shown in Table 2.
User-defined character patterns (Custom Font) are also available by mask option.
User-defined character patterns (Custom Font) are also available by mask option.
((1-4)Character Generator ROM (CG ROM)
1-4)Character Generator ROM (CG ROM)
The relation between DD RAM address and display position on the LCD is shown below.
The relation between DD RAM address and display position on the LCD is shown below.
1
2
3
4
5
6
7
8
9
10
11
12
13
14 -Display Position
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D -DD RAM Address (Hex.)
(00)<= 01
02
03
04
05
06
07
08
09
0A
0B
0C 0D
00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn