Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG16-0150D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LG16-0150D
Description  Compact Liquid Flow Meter for OEM Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LG16-0150D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LG16-0150D Datasheet HTML 1Page - List of Unclassifed Manufacturers LG16-0150D Datasheet HTML 2Page - List of Unclassifed Manufacturers LG16-0150D Datasheet HTML 3Page - List of Unclassifed Manufacturers LG16-0150D Datasheet HTML 4Page - List of Unclassifed Manufacturers LG16-0150D Datasheet HTML 5Page - List of Unclassifed Manufacturers LG16-0150D Datasheet HTML 6Page - List of Unclassifed Manufacturers LG16-0150D Datasheet HTML 7Page - List of Unclassifed Manufacturers LG16-0150D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.sensirion.com
February 2015 V3
2/8
Table 2: Model specific performance of LG16, digital version only (all data for medium IPA, 23°C)
Parameter
LG16-0150D LG16-0430D LG16-1000D
LG16-
2000HC-D
Unit
IPA full scale flow rate
70
500
10’000
µl/min
80
ml/min
IPA sensor output limita
100
600
11’000
µl/min
90
ml/min
Accuracy below full scale
(whichever error is larger)
20
20
20
10
% of m.v.b
0.3
1
1
0.5
% of full scale
Repeatability below full scale
(whichever error is larger)
1
1
1
1.5
% of m.v.
0.01
0.05
0.05
0.03
% of full scale
Temperature coefficient
(additional error / °C; whichever is larger)
0.4
0.5
.5
0.4
0.35
% m.v. / °C
0.025
0.02
% full scale / °C
aFlow rate at which the sensor output saturates
b
Measured value
1.1 Switching between calibration fields
Different calibrations are available in calibration fields (CF) on digital versions of the flow meter. The factory default is
CF0. If the medium to be measured is different to the factory default calibration field, this has to be changed using
the Sensirion Viewer Software or using digital commands via the I2C or RS485 interface.
Table 3: Available calibrations on CF0 and CF1
Sensor
CF0 (default)
CF1
LG16-0025D
H2O
LG16- 0150D
H2O
IPA
LG16-0430D
H2O
IPA
LG16-1000D
H2O
IPA
LG16-2000D
H2O
LG16-2000-HC-D
IPA
Analog flow meter variants only feature H2O calibration. For communication with the analog variant see section 3.4.


Similar Part No. - LG16-0150D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0500 AGERE-LG1600FXH0500 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0553 AGERE-LG1600FXH0553 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0622 AGERE-LG1600FXH0622 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH1200 AGERE-LG1600FXH1200 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
More results

Similar Description - LG16-0150D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Analog Devices
AD2001 AD-AD2001_15 Datasheet
975Kb / 2P
   DIGIT PANEL METER FOR OEM APPLICATIONS
logo
List of Unclassifed Man...
LS32-1500 ETC2-LS32-1500 Datasheet
283Kb / 4P
   Compact Flow Meter for Low Flow Rates
logo
TT Electronics.
DS1171 TTELEC-DS1171 Datasheet
334Kb / 2P
   High Pressure Liquid Flow Meter
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
   Flow Switches for Liquid
logo
E+E Elektronik Ges.m.b....
EE99-1 EPLUSE-EE99-1 Datasheet
972Kb / 3P
   Humidity / Temperature Module for OEM Applications
v1.8
logo
List of Unclassifed Man...
CMD-HHCP-315 ETC2-CMD-HHCP-315 Datasheet
144Kb / 5P
   OEM COMPACT HANDHELD TRANSMITTER
logo
TT Electronics.
FFU TTELEC-FFU Datasheet
330Kb / 1P
   Ultrasonic Flow Meter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
   Ultrasonic Flow Meter
logo
Linx Technologies
CMD-HHCP-FFF LINX-CMD-HHCP-FFF Datasheet
1Mb / 9P
   OEM Compact Handheld Transmitter
2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com