Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F20 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 65Page - List of Unclassifed Manufacturers F20 Datasheet HTML 66Page - List of Unclassifed Manufacturers F20 Datasheet HTML 67Page - List of Unclassifed Manufacturers F20 Datasheet HTML 68Page - List of Unclassifed Manufacturers F20 Datasheet HTML 69Page - List of Unclassifed Manufacturers F20 Datasheet HTML 70Page - List of Unclassifed Manufacturers F20 Datasheet HTML 71Page - List of Unclassifed Manufacturers F20 Datasheet HTML 72Page - List of Unclassifed Manufacturers F20 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 69
14.
SD3.0 Controller
14.1.
SD3.0 Controller Overview
The SD3.0 controller can be configured either as a Secure Digital Multimedia Card controller,
which simultaneously supports Secure Digital memory (SD Memo), UHS-1 Card, Secure
Digital I/O (SDIO), Multimedia Cards (MMC), eMMC Card and Consumer Electronics
Advanced Transport Architecture (CE-ATA).
The SD3.0 controller includes the following features:
Supports Secure Digital memory protocol commands (up to SD3.0)
Supports Secure Digital I/O protocol commands
Supports Multimedia Card protocol commands (up to MMC4.3)
Supports CE-ATA digital protocol commands
Supports eMMC boot operation and alternative boot operation
Supports UHS-1card voltage switching and DDR R/W operation
Supports Command Completion signal and interrupt to host processor and Command
Completion Signal disable feature
Supports one SD (Verson1.0 to 3.0) or MMC (Verson3.3 to 4.3) or CE-ATA device
Supports hardware CRC generation and error detection
Supports programmable baud rate
Supports host pull-up control
Supports SDIO interrupts in 1-bit and 4-bit modes
Supports SDIO suspend and resume operation
Supports SDIO read wait
Supports block size of 1 to 65535 bytes
Supports descriptor-based internal DMA controller
Internal 16x32-bit (64 bytes total) FIFO for data transfer
Support 3.3 V and 1.8V IO pad
14.2.
SD3.0 Controller Signal Description
Table 14-1. NAND Flash Controller Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
SD0/SDIO0/MMC0(3.0)
SDC0_CLK
SD0/SDIO0/MMC0 Output Clock
O
PF2
Y11
SDC0_CMD
SD0/SDIO0/MMC0 Cmmand Line
I/O
PF3
Y12
SDC0_D0
SD0/SDIO0/MMC0 Data bit0
I/O
PF1
W11
SDC0_D1
SD0/SDIO0/MMC0 Data bit1
I/O
PF0
V11
SDC0_D2
SD0/SDIO0/MMC0 Data bit2
I/O
PF5
V12
SDC0_D3
SD0/SDIO0/MMC0 Data bit3
I/O
PF4
W12


Similar Part No. - F20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F20 SEMTECH-F20 Datasheet
121Kb / 3P
   RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
NEC
F20 NEC-F20 Datasheet
574Kb / 2P
   New High Speed Decoupling Device Proadlizer PF/A Series
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results

Similar Description - F20

ManufacturerPart #DatasheetDescription
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
   DMA Controller
logo
Advantech Co., Ltd.
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input USB Module
PCI-1761 ADVANTECH-PCI-1761 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-725 ADVANTECH-PCL-725 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
PCI-1760U ADVANTECH-PCI-1760U_15 Datasheet
183Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
BAS-3050 ADVANTECH-BAS-3050 Datasheet
526Kb / 1P
   8-ch DI, 8-ch DO Expansion Module
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
   8-Bit Micro controllers
logo
Advantech Co., Ltd.
PCIE-1760 ADVANTECH-PCIE-1760_15 Datasheet
189Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Express Card
PCIE-1760 ADVANTECH-PCIE-1760_V01 Datasheet
428Kb / 1P
   8-Ch Relay and 8-Ch Isolated Digital Input PCI Express Card
12-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com