Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F20 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 45Page - List of Unclassifed Manufacturers F20 Datasheet HTML 46Page - List of Unclassifed Manufacturers F20 Datasheet HTML 47Page - List of Unclassifed Manufacturers F20 Datasheet HTML 48Page - List of Unclassifed Manufacturers F20 Datasheet HTML 49Page - List of Unclassifed Manufacturers F20 Datasheet HTML 50Page - List of Unclassifed Manufacturers F20 Datasheet HTML 51Page - List of Unclassifed Manufacturers F20 Datasheet HTML 52Page - List of Unclassifed Manufacturers F20 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 49
Signal
Name
Description
Pin
Name
Ball#
DRAM_GND
DRAM Ground
DRAM_GND(10)
K15\K14\
J14\H14\
G14\G13\
G12\G11\
F12\F11
LVDS Power
LVDS_VCC
LVDS Power Supply
LVDS_VCC(1)
P18
LVDS_GND
LVDS Ground
LVDS_GND(1)
K13
Analog Power
AVCC
Analog Power Supply
AVCC(1)
Y19
AGND
Analog Ground
AGND(1)
M11
5.3.2.
Miscellaneous Signal Description
Table 5-4 Miscellaneous Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
JTAG Interface
JTAG_SEL0 JTAG port Select bit0
I
JTAG0#
R8
JTAG_SEL1 JTAG port Select bit1
I
JTAG1#
R9
JTAG Port 0
JTAG_MS0
JTAG Mode Select
I
PB14
P11
JTAG_CK0
JTAG Clock
I
PB15
R11
JTAG_DO0
JTAG test DataOutput
O
PB16
T11
JTAG_DI0
JTAG test Data Input
I
PB17
U11
JTAG Port 1
JTAG_MS1
JTAG Mode Select
I
PF0
V11
JTAG_CK1
JTAG Clock
I
PF5
V12
JTAG_DO1
JTAG test DataOutput
O
PF11
W11
JTAG_DI1
JTAG test Data Input
I
PF3
Y12
Clock
HOSCI
Main 24MHz crystal Input for internal OSC
AI
HOSCI
W20
HOSCO
Main 24MHz crystal Output for internal OSC
AO
HOSCO
Y20
LOSCI
32K768Hz crystal Input for RTC
AI
LOSCI
Y13
LOSCO
32K768Hz crystal Output for RTC
AO
LOSCO
W13
Reset
RESET#
System Reset
AI
RESET#
T12
FIQ


Similar Part No. - F20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F20 SEMTECH-F20 Datasheet
121Kb / 3P
   RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
NEC
F20 NEC-F20 Datasheet
574Kb / 2P
   New High Speed Decoupling Device Proadlizer PF/A Series
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results

Similar Description - F20

ManufacturerPart #DatasheetDescription
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
   DMA Controller
logo
Advantech Co., Ltd.
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input USB Module
PCI-1761 ADVANTECH-PCI-1761 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-725 ADVANTECH-PCL-725 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
PCI-1760U ADVANTECH-PCI-1760U_15 Datasheet
183Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
BAS-3050 ADVANTECH-BAS-3050 Datasheet
526Kb / 1P
   8-ch DI, 8-ch DO Expansion Module
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
   8-Bit Micro controllers
logo
Advantech Co., Ltd.
PCIE-1760 ADVANTECH-PCIE-1760_15 Datasheet
189Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Express Card
PCIE-1760 ADVANTECH-PCIE-1760_V01 Datasheet
428Kb / 1P
   8-Ch Relay and 8-Ch Isolated Digital Input PCI Express Card
12-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com