Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS428_V5 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS428_V5
Description  GaAs 0.9-3.0 GHz 4x2 Switch Matrix
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS428_V5 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS428_V5_15 Datasheet HTML 1Page - Hexawave, Inc HWS428_V5_15 Datasheet HTML 2Page - Hexawave, Inc HWS428_V5_15 Datasheet HTML 3Page - Hexawave, Inc HWS428_V5_15 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HWS428
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
May 2011 V5
Hexawave Inc. 1F, 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
Four Inputs, Two Outputs Switch Matrix
High Isolation
Low DC Power Consumption
Small TSSOP16 Using Lead (Pb) free
materials with RoHS compliant
PHEMT process
Description
The HWS428 is a GaAs PHEMT 4x2 switch matrix
operating at 0.9 to 3.0 GHz in a low cost TSSOP16
plastic lead (Pb) free package. Any of the four inputs
can be directed to any of the two outputs. The
HWS428 is suitable for use in Direct Broadcast
Satellite
(DBS)
switching
system
or
CATV
applications.
TSSOP-16
Electrical Specifications at 25°C with 0V/+5V Control Voltages and 0 dBm Pin
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.90-3.00 GHz
5.5
7.0
dB
Insertion Loss Flatness
0.90-3.00 GHz
1.5
dB
Isolation (Above Insertion Loss)
0.90-1.50 GHz
1.50-2.15 GHz
2.15-3.00 GHz
33
29
25
36
33
30
dB
dB
dB
Input Return Loss
0.90-3.00 GHz
10
dB
Output Return Loss
0.90-3.00 GHz
13
dB
Control Current
500
uA
Note: 1. All measurements made in a 50 ohm system with 0/+5.0V control voltages, unless otherwise specified.
2. ‘Isolation (Above Insertion Loss)’ = ∣‘isolation (off-state)’ – ‘insertion loss (on-state)’∣


Similar Part No. - HWS428_V5_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
More results

Similar Description - HWS428_V5_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
   (4x2) GaAs Switch Matrix
logo
Hexawave, Inc
HWS388 HW-HWS388 Datasheet
140Kb / 3P
   GaAs 0.95-2.15 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC596LP4 HITTITE-HMC596LP4 Datasheet
452Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com