Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS454_V4 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS454_V4
Description  GaAs 0.5-6GHz DPDT Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS454_V4 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS454_V4_15 Datasheet HTML 1Page - Hexawave, Inc HWS454_V4_15 Datasheet HTML 2Page - Hexawave, Inc HWS454_V4_15 Datasheet HTML 3Page - Hexawave, Inc HWS454_V4_15 Datasheet HTML 4Page - Hexawave, Inc HWS454_V4_15 Datasheet HTML 5Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HWS454
GaAs 0.5-6 GHz DP4T Switch
May 2011 V4
Hexawave Inc. 2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with 8pF
Capacitors @ +25°C
Typical Performance Data with 100pF
Capacitors @ +25°C
Insertion Loss vs Frequency
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
Isolation vs Frequency
-40
-35
-30
-25
-20
-15
-10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
SPDT part
DPDT part
Return Loss vs Frequency
-30
-25
-20
-15
-10
-5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency(GHz)
Return Loss vs Frequency
-30
-25
-20
-15
-10
-5
0.5
0.75
1
1.25
1.5
1.75
2
Frequency(GHz)
Insertion Loss vs Frequency
-1.8
-1.6
-1.4
-1.2
-1
-0.8
0.5
0.75
1
1.25
1.5
1.75
2
Frequency(GHz)
Isolation vs Frequency
-40
-35
-30
-25
-20
-15
-10
0.5
0.75
1
1.25
1.5
1.75
2
Frequency(GHz)
SPDT part
DPDT part


Similar Part No. - HWS454_V4_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS454 HW-HWS454 Datasheet
192Kb / 4P
   GaAs DC-6 GHz DP4T Switch
More results

Similar Description - HWS454_V4_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS450_V8 HW-HWS450_V8_15 Datasheet
65Kb / 2P
   GaAs 0.5-6GHz DPDT Switch
HWS503_V3 HW-HWS503_V3_15 Datasheet
60Kb / 2P
   GaAs 0.5-6GHz DPDT Switch
HWS503 HW-HWS503 Datasheet
84Kb / 2P
   GaAs 0.5-6GHz DPDT Switch
HWS500_V6 HW-HWS500_V6_15 Datasheet
65Kb / 2P
   GaAs 0.5-6GHz SPDT Switch
HWS512_V1 HW-HWS512_V1 Datasheet
64Kb / 2P
   GaAs 0.5-6 GHz DPDT Switch
HWS514_V1 HW-HWS514_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6 GHz DPDT Switch
HWS510_V3 HW-HWS510_V3 Datasheet
84Kb / 3P
   GaAs 0.5-4 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0040 MA-COM-MASWSS0040 Datasheet
144Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com