Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6207 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6207
Description  SP6T Electromechanical Relay Switch DC to 8 GHz, TNC, 60 Watts, 28V Control with Normally Open
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6207 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6207 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6207 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6207 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6207 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6207 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6207 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SP6T Switch
• DC to 8 GHz Operating Frequency Range
• 1 M Cycles min
• Normally Open Switch
Applications
• Test & Measurement
• Communications System
• Instrumentation
.
Description
The PE71S6207 is Single Pole Six Throw Switch that operates from DC to 8 GHz. The switch has a normally open actuator
and 1M life cycles. The switch has an opating voltage of 28 Volts.
Electrical Specifications
Switch Type
SP6T
Actuator
, Normally Open
Switching Action
Failsafe
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
Impedance
50
Ohms
Operating Voltage
28
28
Volts
Actuating Current @ 28 Volts
150
mA
Input Power (CW)
60
Watts
. .
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 4
4 to 8
GHz
VSWR, Max
1.2:1
1.65:1
Insertion Loss, Max
0.2
0.6
dB
Isolation, Min
80
70
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SP6T Electromechanical Relay Switch DC to 8 GHz, TNC, 60 Watts, 28V Control with
Normally Open PE71S6207
PE71S6207 REV 1.0
SP6T Electromechanical Relay Switch DC to 8 GHz,
TNC, 60 Watts, 28V Control with Normally Open
Electromechanical Relay Switches Technical Data Sheet
PE71S6207


Similar Part No. - PE71S6207

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
   SP6T Switch
PE71S6201 PASTERNACK-PE71S6201 Datasheet
757Kb / 6P
   SP6T Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
   Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
   Transfer Switch
PE71S6204 PASTERNACK-PE71S6204 Datasheet
443Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz,TNC, 50 Watts, 12V Control with Indicators, TTL
More results

Similar Description - PE71S6207

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6195 PASTERNACK-PE71S6195 Datasheet
769Kb / 6P
   SP6T Electromechanical Relay Switch DC to 10 GHz, N, 160 Watts, 28V Control with Normally Open
PE71S6089 PASTERNACK-PE71S6089 Datasheet
432Kb / 4P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 60 Watts, 28V Control with Latching
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
   SP6T Electromechanical Relay Normally Open Switch
PE71S6302 PASTERNACK-PE71S6302 Datasheet
466Kb / 6P
   SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators
PE71S6078 PASTERNACK-PE71S6078 Datasheet
421Kb / 4P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 40 Watts, 28V Control with Latching
PE71S6196 PASTERNACK-PE71S6196 Datasheet
518Kb / 6P
   SP6T Electromechanical Relay Switch DC to 10 GHz, N,160 Watts, 12V Control with Indicators, Normally Open, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
   SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6054 PASTERNACK-PE71S6054 Datasheet
393Kb / 4P
   SPDT Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator with Indicators, Latching, Normally Open
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com