Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54010-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54010-EP
Description  2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54010-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54010-EP_15 Datasheet HTML 2Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 3Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 4Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 5Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 6Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 7Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 8Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 9Page - Texas Instruments TPS54010-EP_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
SYNC
SS/ENA
VBIAS
VIN
PVIN
PVIN
PVIN
PVIN
PGND
PGND
PGND
PGND
PGND
THERMAL
PAD
TPS54010-EP
SLVSBN3 – JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = -55°C to 125°C, VIN = 3 V to 4 V, PVIN = 2.2 V to 4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT POWER MOSFETS
VIN = 3 V, PVIN = 2.5 V
8
21
rDS(on)
Power MOSFET switches
m
VIN = 3.6 V, PVIN = 2.5 V
8
18
DEVICE INFORMATION
PWP PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
PIN NAME
PIN NUMBER
DESCRIPTION
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, and
AGND
1
RT resistor. If using the PowerPAD, connect it to AGND. See the Application Information section for
details.
Bootstrap output. 0.022-µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating
BOOT
5
drive for the high-side FET driver.
COMP
3
Error amplifier output. Connect frequency compensation network from COMP to VSENSE
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large
15, 16, 17, 18,
PGND
copper areas to the input and output supply returns, and negative terminals of the input and output
19
capacitors. A single point connection to AGND is recommended.
PH
6-14
Phase output. Junction of the internal high-side and low-side power MOSFETs, and output inductor.
Input supply for the power MOSFET switches and internal bias regulator. Bypass the PVIN pins to the
PVIN
20, 21, 22, 23
PGND pins close to device package with a high-quality, low-ESR 10-µF ceramic capacitor.
Power-good open-drain output. High when VSENSE > 90% Vref, otherwise PWRGD is low. Note that
PWRGD
4
output is low when SS/ENA is low or the internal shutdown signal is active.
RT
28
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency, fs.
Slow-start/enable input/output. Dual function pin which provides logic input to enable/disable device
SS/ENA
26
operation and capacitor input to externally set the start-up time.
Synchronization input. Dual function pin which provides logic input to synchronize to an external oscillator
SYNC
27
or pin select between two internally set switching frequencies. When used to synchronize to an external
signal, a resistor must be connected to the RT pin.
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND
VBIAS
25
pin with a high-quality, low-ESR 0.1-µF to 1.0-µF ceramic capacitor.
Input supply for the internal control circuits. Bypass the VIN pin to the PGND pins close to device package
VIN
24
with a high-quality, low-ESR 1-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input. Connect to output voltage compensation network/output divider.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54010-EP


Similar Part No. - TPS54010-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010-EP TI1-TPS54010-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54010-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010_15 Datasheet
954Kb / 29P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010-EP TI1-TPS54010-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010 TI1-TPS54010_16 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com