Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53124 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS53124
Description  TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS53124_15 Datasheet HTML 3Page - Texas Instruments TPS53124_15 Datasheet HTML 4Page - Texas Instruments TPS53124_15 Datasheet HTML 5Page - Texas Instruments TPS53124_15 Datasheet HTML 6Page - Texas Instruments TPS53124_15 Datasheet HTML 7Page - Texas Instruments TPS53124_15 Datasheet HTML 8Page - Texas Instruments TPS53124_15 Datasheet HTML 9Page - Texas Instruments TPS53124_15 Datasheet HTML 10Page - Texas Instruments TPS53124_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TPS53124
www.ti.com
SLUS825C – FEBRUARY 2008 – REVISED AUGUST 2014
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
VIN current, TA = 25°C, VREG5 tied
IIN
VIN supply current
to V5FLT, EN1 = EN2 = 5 V, VFB1
450
800
= VFB2 = 0.8 V, LL1 = LL2 = 0.5 V
μA
VIN current, TA = 25°C, no load,
IVINSDN
VIN shutdown current
10
EN1 = EN2 = 0 V
VFB Voltage and Discharge Resistance
VBG
Bandgap initial regulation accuracy
TA = 25°C
–1%
1%
TA = 25°C
755
765
775
VVFBTH
VFB threshold voltage
     
mV
TA = -40°C to 85°C
752
778
IVFB
VFB input current
VFBx = 0.8 V, TA = 25°C
–0.01
±0.1
μA
RDISCHG
VO discharge resistance
ENx = 0 V, VOx = 0.5 V,TA = 25°C
40
80
VREG5 Output
TA = 25°C ,5.5 V < VIN < 24 V, 0 <
VVREG5
VREG5 output voltage
4.6
5
5.2
V
IVREG5 < 10 mA
VLN5
     Line regulation
5.5 V < VIN < 24 V, IVREG5 = 10 mA
20
mV
VLD5
     Load regulation
1 mA < IVREG5 < 10 mA
40
VIN = 5.5 V, VREG5 = 4.0 V, TA =
IVREG5
Output current
170
mA
25°C
Output: N-Channel MOSFET Gate Drivers
Source, IDRVHx = -100 mA
5.5
11
RDRVH
DRVH resistance
Sink, IDRVHx = 100 mA
2.5
5
Source, IDRVLx = –100 mA
4
12
RDRVL
DRVL resistance
Sink, IDRVLx = 100 mA
2
4
DRVHx-low to DRVLx-on
20
50
80
TD
Dead time
ns
DRVLx-low to DRVHx-on
20
40
80
Internal BST Diode
VFBST
Forward voltage
VVREG5-VBSTx, IF = 10 mA, TA = 25°C
0.7
0.8
0.9
V
IVBSTLK
VBST leakage current
VBST = 29 V, LL = 24 V, TA = 25°C
0.1
1
μA
ON-Time Timer Control
TON1
CH1 ON time
LL1 = 12 V, VO1 = 1.5 V
390
TON2
CH2 ON time
LL2 = 12 V, VO2 = 1.05 V
210
ns
TON(min)
CH2 ON time
LL2 = 12 V, VO2 = 0.76 V
160
TOFF(min)
CH1/CH2 min OFF time
LL = 0.7 V TA = 25°C, VFB = 0.7 V
390
Soft Start
TSS
Internal SS time
Internal soft start VFB = 0.735 V
0.85
1.2
1.4
ms
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS53124


Similar Part No. - TPS53124_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53124PW TI-TPS53124PW Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53124PWR TI-TPS53124PWR Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53124RGER TI-TPS53124RGER Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53124RGET TI-TPS53124RGET Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results

Similar Description - TPS53124_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com