Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53114 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS53114
Description  TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53114_15 Datasheet HTML 2Page - Texas Instruments TPS53114_15 Datasheet HTML 3Page - Texas Instruments TPS53114_15 Datasheet HTML 4Page - Texas Instruments TPS53114_15 Datasheet HTML 5Page - Texas Instruments TPS53114_15 Datasheet HTML 6Page - Texas Instruments TPS53114_15 Datasheet HTML 7Page - Texas Instruments TPS53114_15 Datasheet HTML 8Page - Texas Instruments TPS53114_15 Datasheet HTML 9Page - Texas Instruments TPS53114_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS53114
SLVS887C – APRIL 2009 – REVISED AUGUST 2014
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC THRESHOLD
EN H-level threshold
VENH
EN
2.0
V
voltage
EN L-level threshold
VENL
EN
0.3
V
voltage
CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 0.1V, TA = 25°C
8.5
10
11.5
µA
ITRIP temperature
TCITRIP
on the basis of 25°C
4000
ppm/°C
coefficient
(VTRIP-GND-VPGND-SW) voltage,
–10
0
10
VTRIP-GND = 60mV, TA = 25°C
VOCLoff
OCP compensation offset
(VTRIP-GND-VPGND-SW) voltage,
mV
–15
15
VTRIP-GND = 60mV
Current limit threshold
VRtrip
VTRIP-GND voltage
30
200
setting range
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
110%
115%
120%
UVP detect
65%
70%
75%
VUVP
Output UVP trip threshold
Hysteresis (recovery <20
μs)
10%
THERMAL
Shutdown temperature(1)
150
Thermal shutdown
TSDN
°C
threshold
Hysteresis(1)
20
(1)
Specified by design. Not production tested.
7.6 Timing Requirements
PARAMETER
MIN
TYP
MAX
UNIT
OUTPUT: N-CHANNEL MOSFET GATE DRIVERS
DRVH-low to DRVL-on
20
50
80
tD
Dead time
ns
DRVL-low to DRVH-on
20
40
80
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
tOVPDEL
Output OVP prop delay
1.5
µs
tUVPDEL
Output UVP delay
17
30
40
µs
tUVPEN
Output UVP enable delay
UVP enable delay / soft start time
X1.4
X1.7
X2.0
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
tONL
On time
SW = 12V, VO = 1.8V, FSEL = 0V
390
ns
tONH
On time
SW = 12V, VO = 1.8V, FSEL = V5FILT
139
ns
SW = 0.7V, TA = 25°C, VFB = 0.7V, FSEL =
tOFFL
Min off time
285
ns
0V
SW = 0.7V, TA = 25°C, VFB = 0.7V, FSEL =
tOFFH
Min off time
216
ns
V5FILT
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS53114


Similar Part No. - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114PW TI-TPS53114PW Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWP TI-TPS53114PWP Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWP TI-TPS53114PWP Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWPR TI-TPS53114PWPR Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWPR TI-TPS53114PWPR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com