Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53114 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS53114
Description  TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114 Datasheet(HTML) 5 Page - Texas Instruments

  TPS53114_15 Datasheet HTML 1Page - Texas Instruments TPS53114_15 Datasheet HTML 2Page - Texas Instruments TPS53114_15 Datasheet HTML 3Page - Texas Instruments TPS53114_15 Datasheet HTML 4Page - Texas Instruments TPS53114_15 Datasheet HTML 5Page - Texas Instruments TPS53114_15 Datasheet HTML 6Page - Texas Instruments TPS53114_15 Datasheet HTML 7Page - Texas Instruments TPS53114_15 Datasheet HTML 8Page - Texas Instruments TPS53114_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS53114
www.ti.com
SLVS887C – APRIL 2009 – REVISED AUGUST 2014
7.4 Thermal Information
TPS53114
THERMAL METRIC(1)
UNIT
PWP (16 PINS)
PW (16 PINS)
RθJA
Junction-to-ambient thermal resistance
51.2
109.6
RθJC(top)
Junction-to-case (top) thermal resistance
33.4
31.2
RθJB
Junction-to-board thermal resistance
28.3
54.7
°C/W
ψJT
Junction-to-top characterization parameter
1.4
0.9
ψJB
Junction-to-board characterization parameter
28.1
54.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.9
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, VREG5 tied to
IIN
VIN supply current
350
600
μA
V5FLT, EN = 5V, VFB = 0.8V, SW = 0.5V
VIN current, TA = 25°C, No Load , EN = 0V,
IVINSDN
VIN shutdown current
28
60
μA
VREG5 = ON
VFB VOLTAGE and DISCHARGE RESISTANCE
Bandgap Initial regulation
VBG
TA = 25°C
–1.0%
1.0%
accuracy
TA = 25°C , FSEL = 0 V, CER = V5FILT
755
765
775
VVFBTHL
VFB threshold voltage
mV
TA = –40°C to 85°C, FSEL = 0V, CER =
752
778
V5FILT
TA = 25°C , FSEL = CER = V5FILT
748
758
768
VVFBTHH
VFB threshold voltage
mV
TA = –40°C to 85°C, FSEL = CER = V5FILT
745
771
IVFB
VFB input current
VFB = 0.8V, TA = 25°C
–100
–10
100
nA
RDischg
Vo discharge resistance
EN = 0V, VO = 0.5V, TA = 25°C
40
80
Ω
VREG5 OUTPUT
TA=25°C, 5.5V < VIN < 24V, 0 < IVREG5 <
VVREG5
VREG5 output voltage
4.6
5.0
5.2
V
10mA
VLN5
Line regulation
5.5V < VIN < 24V, IVREG5 = 10mA
20
mV
VLD5
Load regulation
1mA < IVREG5 < 10mA
40
mV
IVREG5
Output current
VIN = 5.5V, VVREG5 = 4.0V, TA = 25°C
170
mA
OUTPUT: N-CHANNEL MOSFET GATE DRIVERS
Source, IDRVH = –100mA
5.5
11
RDRVH
DRVH resistance
Ω
Sink, IDRVH = 100mA
2.5
5
Source, IDRVL = –100mA
4
12
RDRVL
DRVL resistance
Ω
Sink, IDRVL = 100mA
2
4
INTERNAL BST DIODE
VFBST
Forward voltage
VVREG5-VBST, IF = 10mA, TA = 25°C
0.7
0.8
0.9
V
IVBSTLK
VBST leakage current
VBST = 29V, SW = 24V, TA = 25°C
0.1
1
µA
SOFT START
Issc
SS charge current
VSS = 0V , SOURCE CURRENT
1.4
2.0
2.6
µA
Issd
SS discharge current
VSS = 0.5V , SINK CURRRENT
100
150
µA
UVLO
V5FILT rising
3.7
4.0
4.3
VUV5VFILT
V5FILT UVLO threshold
V
Hysteresis
0.2
0.3
0.4
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS53114


Similar Part No. - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114PW TI-TPS53114PW Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWP TI-TPS53114PWP Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWP TI-TPS53114PWP Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWPR TI-TPS53114PWPR Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWPR TI-TPS53114PWPR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com