Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51511 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS51511
Description  Synchronous Switcher Controller With 2-A LDO for GPU Power
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51511 Datasheet(HTML) 4 Page - Texas Instruments

  TPS51511_15 Datasheet HTML 1Page - Texas Instruments TPS51511_15 Datasheet HTML 2Page - Texas Instruments TPS51511_15 Datasheet HTML 3Page - Texas Instruments TPS51511_15 Datasheet HTML 4Page - Texas Instruments TPS51511_15 Datasheet HTML 5Page - Texas Instruments TPS51511_15 Datasheet HTML 6Page - Texas Instruments TPS51511_15 Datasheet HTML 7Page - Texas Instruments TPS51511_15 Datasheet HTML 8Page - Texas Instruments TPS51511_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
TPS51511
SLVS735A – FEBRUARY 2007 – REVISED APRIL 2007
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, V
V5IN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOSW OUTPUT
TA = 25°C
740.2
750
759.8
VVSWFB
VSWFB regulation voltage
TA = 0 to 85°C (3)
738.7
750
761.3
mV
TA = -40 to 85°C (3)
738.0
750
762.0
RVOSW
Input impedance, VOSW
750
k
VSWFB = 0.78 V, COMP = open
–0.04
µA
IVSWFB
Input current, VSWFB
VSWFB = 0.78 V, COMP = 5 V
–0.06
µA
IVOSWDischg
Discharge current, VOSW
ENSW = 0 V, VOSW = 0.5 V
8
15
35
mA
TRANSCONDUCTANCE AMPLIFIER
gm
Gain
TA = 25°C
240
300
360
µS
ENLDO=0 V, ENSW=5 V, VSWFB=0 V, VOSW=1.94 V,
ICOMPSNK
COMP maximum sink current
13
µA
COMP=1.28 V
ENLDO=0 V, ENSW=5 V, VSWFB=0 V, VOSW=1.66 V,
ICOMPSRC
COMP maximum source current
–13
µA
COMP=1.28 V
VCOMPHI
COMP high clamp voltage
ENLDO=0 V, ENSW=5 V, VSWFB=0 V, CS=0 V, VOSW=1.66 V
1.31
1.34
1.37
V
VCOMPLO
COMP low clamp voltage
ENLDO=0 V, ENSW=5 V, VSWFB=0V, CS=0 V, VOSW=1.94 V
1.18
1.21
1.24
V
DUTY CONTROL
TON
Operation on time
VIN = 12 V, VOSW = 1.8 V
400
ns
TON0
Startup on time
VIN = 12 V, VOSW = 0 V
125
ns
TONMIN
Minimum on time
TA = 25°C
100
ns
TOFFMIN
Minimum off time
TA = 25°C
350
ns
OUTPUT DRIVERS
Source, IDRVH = -100 mA
3
6
RDRVH
DRVH resistance
Sink, IDRVH = 100 mA
0.9
3
Source, IDRVL = -100 mA
3
6
RDRVL
DRVL resistance
Sink, IDRVL = 100 mA
0.9
3
DRVH-off to DRVL-on(3)
10
TD
Dead time
ns
DRVL-off to DRVH-on(3)
30
INTERNAL BST DIODE
VFBST
Forward voltage
VV5IN-VBST, IF = 10 mA, TA = 25°C
0.7
0.8
0.9
V
VBST = 34 V, LL = 28 V,
IVBSTLK
VBST leakage current
0.1
1
µA
VOSW = 1.87 V, TA = 25°C
ZERO CURRNT COMPARATOR
VZC
Zero current comparator offset
–10
0
10
mV
(3)
Ensured by design. Not production tested.
4
Submit Documentation Feedback


Similar Part No. - TPS51511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51511RHLR TI-TPS51511RHLR Datasheet
1,017Kb / 29P
[Old version datasheet]   Synchronous Switcher Controller With 2-A LDO for GPU Power
TPS51511RHLT TI-TPS51511RHLT Datasheet
1,017Kb / 29P
[Old version datasheet]   Synchronous Switcher Controller With 2-A LDO for GPU Power
More results

Similar Description - TPS51511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51511 TI-TPS51511 Datasheet
1,017Kb / 29P
[Old version datasheet]   Synchronous Switcher Controller With 2-A LDO for GPU Power
logo
uPI Group Inc.
UP1665P UPI-UP1665P Datasheet
229Kb / 14P
   2-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
UP1642P UPI-UP1642P Datasheet
664Kb / 18P
   3-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
Oct. 2012
logo
Semtech Corporation
SC1401 SEMTECH-SC1401 Datasheet
202Kb / 17P
   HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
logo
uPI Group Inc.
UP1561 UPI-UP1561 Datasheet
261Kb / 17P
   Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
Rev. C00
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com