Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51211 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS51211
Description  High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51211 Datasheet(HTML) 4 Page - Texas Instruments

  TPS51211_15 Datasheet HTML 1Page - Texas Instruments TPS51211_15 Datasheet HTML 2Page - Texas Instruments TPS51211_15 Datasheet HTML 3Page - Texas Instruments TPS51211_15 Datasheet HTML 4Page - Texas Instruments TPS51211_15 Datasheet HTML 5Page - Texas Instruments TPS51211_15 Datasheet HTML 6Page - Texas Instruments TPS51211_15 Datasheet HTML 7Page - Texas Instruments TPS51211_15 Datasheet HTML 8Page - Texas Instruments TPS51211_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS51211
SLUSAA7B – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VV5IN = 5 V. (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TA = 25°C, No Load,
IV5IN
V5IN supply current
320
600
μA
VEN = 5 V, VVFB = 0.735 V
IV5INSDN
V5IN shutdown current
TA = 25°C, No Load, VEN = 0 V
1
μA
INTERNAL REFERENCE VOLTAGE
TA = 25°C
0.7005
0.7040
0.7075
VVFB
VFB regulation voltage
V
–10°C
≤ TA ≤ 85°C
0.697
0.704
0.711
IVFB
VFB input current
VVFB = 0.735 V, TA = 25°C
0.01
0.2
μA
OUTPUT DISCHARGE
Output discharge current from
IDischg
VEN = 0 V, VSW = 0.5 V
5
13
mA
SW pin
OUTPUT DRIVERS
Source, IDRVH = –50 mA
1.5
3.6
RDRVH
DRVH resistance
Sink, IDRVH = 50 mA
0.7
2.0
Source, IDRVL = –50 mA
1.0
3.0
RDRVL
DRVL resistance
Sink, IDRVL = 50 mA
0.5
1.6
DRVH-off to DRVL-on
7
17
tD
Dead time
ns
DRVL-off to DRVH-on
10
22
BOOT STRAP SWITCH
VFBST
Forward voltage
VV5IN-VBST, IF = 10 mA, TA = 25°C
0.1
0.2
V
IVBSTLK
VBST leakage current
VVBST = 34.5 V, VSW = 28 V, TA = 25°C
0.01
1.5
μA
DUTY AND FREQUENCY CONTROL
tOFF(min)
Minimum off-time
TA = 25°C
150
260
400
ns
tON(min)
Minimum on-time
VIN = 28 V, VOUT = 0.7 V, TA = 25°C
(1)
79
SOFTSTART
tss
Internal SS time
From VEN = high to VOUT = 95%
1
ms
POWERGOOD
PG in from lower
92.5%
95%
97.5%
VTHPG
PG threshold
PG in from higher
107.5%
110%
112.5%
PG hysteresis
2.5%
5%
7.5%
IPGMAX
PG sink current
VPGOOD = 0.5 V
3
6
mA
tPGDEL
PG delay
Delay for PG in
0.8
1
1.2
ms
LOGIC THRESHOLD AND SETTING CONDITIONS
Enable
1.8
VEN
EN voltage threshold
V
Disable
0.5
IEN
EN input current
VEN = 5V
1.0
μA
fSW
Switching frequency
TA = 25°C
(2)
266
290
314
kHz
(1)
Ensured by design. Not production tested.
(2)
Not production tested. Test condition is VIN= 8 V, VOUT= 1.1 V, IOUT = 10 A using application circuit shown in Figure 19.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated


Similar Part No. - TPS51211_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211DSCR TI1-TPS51211DSCR Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211DSCT TI1-TPS51211DSCT Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Similar Description - TPS51211_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com