Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1724 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TC1724
Description  32-Bit Single-Chip Microcontroller
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1724 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TC1724 Datasheet HTML 6Page - Infineon Technologies AG TC1724 Datasheet HTML 7Page - Infineon Technologies AG TC1724 Datasheet HTML 8Page - Infineon Technologies AG TC1724 Datasheet HTML 9Page - Infineon Technologies AG TC1724 Datasheet HTML 10Page - Infineon Technologies AG TC1724 Datasheet HTML 11Page - Infineon Technologies AG TC1724 Datasheet HTML 12Page - Infineon Technologies AG TC1724 Datasheet HTML 13Page - Infineon Technologies AG TC1724 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
TC1724
Summary of Features
Data Sheet
1-5
V1.2, 2014-06
The SAK-TC1724N-192F80HL / SAK-TC1724N-192F80HR has the following features:
High-performance 32-bit super-scalar TriCore V1.3.1 CPU with 4-stage pipeline
– Superior real-time performance
– Strong bit handling
– Fully integrated DSP capabilities
– Single precision Floating Point Unit (FPU)
– 80 MHz operation at full temperature range
32-bit Peripheral Control Processor with single cycle instruction (PCP2)
– 8 Kbyte Parameter Memory (PRAM)
– 24 Kbyte Code Memory (CMEM)
– 80 MHz operation at full temperature range
Multiple on-chip memories
– 1.5 Mbyte Program Flash Memory (PFLASH) with ECC
– 64 Kbyte Data Flash Memory (DFLASH) usable for EEPROM emulation
– 120 Kbyte Data Memory (LDRAM)
– Instruction Cache: up to 8Kbyte (ICACHE, configurable)
– 24 Kbyte Code Scratchpad Memory (SPRAM)
– Data Cache: up to 4 Kbyte (DCACHE, configurable)
– 8 Kbyte Overlay Memory (OVRAM)
– 16 Kbyte BootROM (BROM)
16-Channel DMA Controller
Sophisticated interrupt system with 2
× 255 hardware priority arbitration levels
serviced by CPU or PCP2
High performing on-chip bus structure
– 64-bit Local Memory Buses between CPU, Flash and Data Memory
– 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units
– One bus bridge (LFI Bridge)
Versatile On-chip Peripheral Units
– Two Asynchronous/Synchronous Serial Channels (ASC) with baud rate generator,
parity, framing and overrun error detection
– Four High-Speed Synchronous Serial Channels (SSC) with programmable data
length and shift direction
– One serial Micro Second Bus interface (MSC) for serial port expansion to external
power devices
– One High-Speed Micro Link interface (MLI) for serial inter-processor
communication
– One MultiCAN Module with 3 CAN nodes and 64 free assignable message objects
for high efficiency data handling via FIFO buffering and gateway data transfer
– One General Purpose Timer Array Module (GPTA) providing a powerful set of
digital signal filtering and timer functionality to realize autonomous and complex
Input/Output management
– Two Capture/Compare Unit 6 (CAPCOM6) kernels


Similar Part No. - TC1724

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC1728 INFINEON-TC1728 Datasheet
3Mb / 130P
   32-Bit Single-Chip Microcontroller
V1.2 2014-06
More results

Similar Description - TC1724

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com