Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR406DP Datasheet(PDF) 7 Page - Vishay Telefunken

Part # SIR406DP
Description  N-Channel 25-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR406DP Datasheet(HTML) 7 Page - Vishay Telefunken

Back Button SIR406DP Datasheet HTML 3Page - Vishay Telefunken SIR406DP Datasheet HTML 4Page - Vishay Telefunken SIR406DP Datasheet HTML 5Page - Vishay Telefunken SIR406DP Datasheet HTML 6Page - Vishay Telefunken SIR406DP Datasheet HTML 7Page - Vishay Telefunken SIR406DP Datasheet HTML 8Page - Vishay Telefunken SIR406DP Datasheet HTML 9Page - Vishay Telefunken SIR406DP Datasheet HTML 10Page - Vishay Telefunken SIR406DP Datasheet HTML 11Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 20-May-13
1
Document Number: 71655
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8, (Single/Dual)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
-
0.05
0
-
0.002
b
0.33
0.41
0.51
0.013
0.016
0.020
c
0.23
0.28
0.33
0.009
0.011
0.013
D
5.05
5.15
5.26
0.199
0.203
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.56
3.76
3.91
0.140
0.148
0.154
D3
1.32
1.50
1.68
0.052
0.059
0.066
D4
0.57 typ.
0.0225 typ.
D5
3.98 typ.
0.157 typ.
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
5.79
5.89
5.99
0.228
0.232
0.236
E2 (for AL product)
3.30
3.48
3.66
0.130
0.137
0.144
E2 (for other product)
3.48
3.66
3.84
0.137
0.144
0.151
E3
3.68
3.78
3.91
0.145
0.149
0.154
E4 (for AL product)
0.58 typ.
0.023 typ.
E4 (for other product)
0.75 typ.
0.030 typ.
e
1.27 BSC
0.050 BSC
K (for AL product)
1.45 typ.
0.057 typ.
K (for other product)
1.27 typ.
0.050 typ.
K1
0.56
-
-
0.022
-
-
H
0.51
0.61
0.71
0.020
0.024
0.028
L
0.51
0.61
0.71
0.020
0.024
0.028
L1
0.06
0.13
0.20
0.002
0.005
0.008
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 typ.
0.005 typ.
ECN: C13-0702-Rev. K, 20-May-13
DWG: 5881
3. Dimensions exclusive of mold flash and cutting burrs.
1.
Notes
2
Inch will govern.
Dimensions exclusive of mold gate burrs.
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D
D1
D2
θ
θ
E1
E2
1
2
3
4
H
4
3
2
1
1
2
3
4
L
Z
A1
K
E
W
L1
E3
E4
E4
K
L
H
E2
E3
2


Similar Part No. - SIR406DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR406DP VISHAY-SIR406DP Datasheet
512Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 15-Jun-09
More results

Similar Description - SIR406DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com