Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4116DY Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SI4116DY
Description  N-Channel 25-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4116DY Datasheet(HTML) 4 Page - Vishay Telefunken

  SI4116DY Datasheet HTML 1Page - Vishay Telefunken SI4116DY Datasheet HTML 2Page - Vishay Telefunken SI4116DY Datasheet HTML 3Page - Vishay Telefunken SI4116DY Datasheet HTML 4Page - Vishay Telefunken SI4116DY Datasheet HTML 5Page - Vishay Telefunken SI4116DY Datasheet HTML 6Page - Vishay Telefunken SI4116DY Datasheet HTML 7Page - Vishay Telefunken SI4116DY Datasheet HTML 8Page - Vishay Telefunken SI4116DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 69837
S-83046-Rev. C, 22-Dec-08
Vishay Siliconix
Si4116DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD -Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
- 0.6
- 0.4
- 0.2
0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID =5mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0
0.01
0.02
0.03
0.04
0.05
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0
24
48
72
96
120
10
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
10 ms
100 ms
1s
10 s
DC
Limited byRDS(on)*
1ms


Similar Part No. - SI4116DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4116DY VISHAY-SI4116DY Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
SI4116DY-T1-E3 VISHAY-SI4116DY-T1-E3 Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
SI4116DY-T1-E3 VISHAY-SI4116DY-T1-E3 Datasheet
230Kb / 9P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SI4116DY-T1-GE3 VISHAY-SI4116DY-T1-GE3 Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
logo
VBsemi Electronics Co.,...
SI4116DY-T1-GE3 VBSEMI-SI4116DY-T1-GE3 Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI4116DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com