Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4116DY Datasheet(PDF) 9 Page - Vishay Telefunken

Part # SI4116DY
Description  N-Channel 25-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4116DY Datasheet(HTML) 9 Page - Vishay Telefunken

Back Button SI4116DY Datasheet HTML 2Page - Vishay Telefunken SI4116DY Datasheet HTML 3Page - Vishay Telefunken SI4116DY Datasheet HTML 4Page - Vishay Telefunken SI4116DY Datasheet HTML 5Page - Vishay Telefunken SI4116DY Datasheet HTML 6Page - Vishay Telefunken SI4116DY Datasheet HTML 7Page - Vishay Telefunken SI4116DY Datasheet HTML 8Page - Vishay Telefunken SI4116DY Datasheet HTML 9Page - Vishay Telefunken SI4116DY Datasheet HTML 10Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index


Similar Part No. - SI4116DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4116DY VISHAY-SI4116DY Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
SI4116DY-T1-E3 VISHAY-SI4116DY-T1-E3 Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
SI4116DY-T1-E3 VISHAY-SI4116DY-T1-E3 Datasheet
230Kb / 9P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SI4116DY-T1-GE3 VISHAY-SI4116DY-T1-GE3 Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
logo
VBsemi Electronics Co.,...
SI4116DY-T1-GE3 VBSEMI-SI4116DY-T1-GE3 Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI4116DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com