Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIGC20T120E Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SIGC20T120E
Description  positive temperature coefficient
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC20T120E Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIGC20T120E Datasheet HTML 1Page - Infineon Technologies AG SIGC20T120E Datasheet HTML 2Page - Infineon Technologies AG SIGC20T120E Datasheet HTML 3Page - Infineon Technologies AG SIGC20T120E Datasheet HTML 4Page - Infineon Technologies AG SIGC20T120E Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIGC20T120E
Edited by INFINEON Technologies, IFAG IPC TD VLS, L7631M, L7631T, L7631E, Rev 2.3, 27.06.2014
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter voltage, Tvj =25 C
VCE
1200
V
DC collector current, limited by Tvj max
I C
1 )
A
Pulsed collector current, tp limited by Tvj max
I c, p ul s
45
A
Gate emitter voltage
VGE
20
V
Junction temperature range
T vj
-40 ... +175
°C
Operating junction temperature
T vj
-40...+150
C
Short circuit data
2 ) V
GE = 15V, VCC = 900V, Tvj = 150°C
t SC
10
µs
Reverse bias safe operating area
2 ) (RBSOA)
I C, ma x = 30A, V CE, ma x = 1200V
Tvj  150 °C
1 ) depending on thermal properties of assembly
2 ) not subject to production test - verified by design/characterization
Static Characteristics (tested on wafer), Tvj =25 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
Collector-Emitter breakdown voltage
V(BR)CES
VGE=0V , IC= 0.5 mA
1200
V
Collector-Emitter saturation voltage
VCEsat
VGE=15V, IC=15A
1.4
1.7
2.1
Gate-Emitter threshold voltage
VGE(th)
IC=600µA , VGE=VCE
5.0
5.8
6.5
Zero gate voltage collector current
ICES
VCE=1200V , VGE=0V
2.16
µA
Gate-Emitter leakage current
IGES
VCE=0V , VGE=20V
120
nA
Integrated gate resistor
rG
--
Dynamic Characteristics (not subject to production test - verified by design / characterization),
Tvj =25 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
Input capacitance
C i es
VCE = 25 V ,
V GE = 0V ,
f = 1 M H z
1090
pF
Output capacitance
C oe s
58
Reverse transfer capacitance
C re s
48


Similar Part No. - SIGC20T120E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC20T120 INFINEON-SIGC20T120 Datasheet
75Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.2003
SIGC20T120L INFINEON-SIGC20T120L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
175Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
499Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC20T120LE INFINEON-SIGC20T120LE_15 Datasheet
499Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
More results

Similar Description - SIGC20T120E

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX101GD12VS SEMIKRON-SEMIX101GD12VS Datasheet
472Kb / 5P
   positive temperature coefficient
logo
Infineon Technologies A...
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
175Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC32T120R3E INFINEON-SIGC32T120R3E Datasheet
180Kb / 5P
   positive temperature coefficient
Rev 2.3, 27.06.2014
SIGC32T120R3LE INFINEON-SIGC32T120R3LE Datasheet
177Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC84T120R3E INFINEON-SIGC84T120R3E Datasheet
195Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC101T170R3E INFINEON-SIGC101T170R3E Datasheet
182Kb / 5P
   positive temperature coefficient
Rev 2.2, 01.07.2014
logo
KEC(Korea Electronics)
GM75HB06BLA KEC-GM75HB06BLA Datasheet
94Kb / 8P
   Positive temperature coefficient
logo
Infineon Technologies A...
SIGC57T120R3E INFINEON-SIGC57T120R3E Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC57T120R3LE INFINEON-SIGC57T120R3LE Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC84T120R3LE INFINEON-SIGC84T120R3LE Datasheet
196Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC109T120R3LE INFINEON-SIGC109T120R3LE Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.1, 01.07.2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com