Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA123501EC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTVA123501EC
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA123501EC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTVA123501EC Datasheet HTML 3Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 4Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 5Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 6Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 7Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 8Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 9Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 10Page - Infineon Technologies AG PTVA123501EC Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
7 of 13
Rev. 04.1, 2014-06-26
PTVA123501EC
Typical RF Performance (cont.)
20
30
40
50
60
70
80
30
35
40
45
50
55
60
31
33
35
37
39
41
43
PIN (dBm)
Power Sweep, Pulsed RF
IDQ = 150 mA, VDD = 50 V, TCASE = 25°C,
16 ms pulse width, 50% duty cycle
1200 MHz
1300 MHz
1400 MHz
a123501ec_g4-1
Output Power
Efficiency
12
13
14
15
16
17
18
31
33
35
37
39
41
43
PIN (dBm)
Power Sweep, Pulsed RF
IDQ = 150 mA, VDD = 50 V, TCASE = 25°C,
16 ms pulse width, 50% duty cycle
1200 MHz
1300 MHz
1400 MHz
a123501ec_g4-2
Gain
50
55
60
65
70
12
13
14
15
16
1100
1200
1300
1400
1500
Frequency (MHz)
Pulsed RF Performance
IDQ = 150 mA, VDD = 50 V, POUT = 350 W,
16 ms pulse width, 50% duty cycle
a123501ec_g4-3
Efficiency
Gain
-10
-8
-6
-4
-2
0
0.1
0.2
0.3
0.4
1100
1200
1300
1400
1500
Frequency (MHz)
Pulsed RF Performance
IDQ = 150 mA, VDD = 50 V, POUT = 350 W,
16 ms pulse width, 50% duty cycle
a123501ec_g4-4
Power Droop
IRL


Similar Part No. - PTVA123501EC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA123501EC INFINEON-PTVA123501EC Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Rev. 05.1, 2016-04-26
logo
Cree, Inc
PTVA123501EC CREE-PTVA123501EC Datasheet
753Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA123501ECV2R0 INFINEON-PTVA123501ECV2R0 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Rev. 05.1, 2016-04-26
PTVA123501ECV2R0XTMA1 INFINEON-PTVA123501ECV2R0XTMA1 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Rev. 05.1, 2016-04-26
PTVA123501ECV2R250 INFINEON-PTVA123501ECV2R250 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Rev. 05.1, 2016-04-26
More results

Similar Description - PTVA123501EC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com