Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD068N10N3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD068N10N3G
Description  N-channel, normal level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD068N10N3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD068N10N3G Datasheet HTML 1Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 2Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 3Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 4Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 5Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 6Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 7Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 8Page - Infineon Technologies AG IPD068N10N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPD068N10N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1
K/W
Thermal resistance,
R thJA
minimal footprint
-
-
62
junction - ambient
6 cm
2 cooling area3)
-
-
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=90 µA
2
2.7
3.5
Zero gate voltage drain current
I DSS
V DS=100 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=100 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=90 A
-
5.7
6.8
m
W
V GS=6 V, I D=45 A
-
7.1
12.3
Gate resistance
R G
-
1.6
-
W
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=90 A
54
107
-
S
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev. 2.2
page 2
2014-05-19


Similar Part No. - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD068N10N3G INFINEON-IPD068N10N3G Datasheet
298Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-21
logo
Guangdong Youtai Semico...
IPD068N10N3G UMW-IPD068N10N3G Datasheet
590Kb / 8P
   100V N-Channel MOSFET
More results

Similar Description - IPD068N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com