Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD096N08N3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD096N08N3G
Description  Ideal for high frequency switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD096N08N3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD096N08N3G_14 Datasheet HTML 1Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 2Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 3Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 4Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 5Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 6Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 7Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 8Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPD096N08N3 G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
100
101
102
103
10-1
100
101
102
V
DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-2
10-1
100
101
10-5
10-4
10-3
10-2
10-1
100
t
p [s]
0
20
40
60
80
100
120
0
50
100
150
200
T
C [°C]
0
10
20
30
40
50
60
70
80
0
50
100
150
200
T
C [°C]
Rev. 2.2
page 4
2014-05-19


Similar Part No. - IPD096N08N3G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
212Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2008-10-20
More results

Similar Description - IPD096N08N3G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD135N08N3G INFINEON-IPD135N08N3G_14 Datasheet
360Kb / 9P
   Ideal for high frequency switching
Rev. 2.2 2014-05-19
BSZ097N10NS5 INFINEON-BSZ097N10NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching
Rev.2.1,2014-05-05
IPP023N08N5 INFINEON-IPP023N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPP034N08N5 INFINEON-IPP034N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPA083N10N5 INFINEON-IPA083N10N5 Datasheet
1Mb / 11P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-18
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ110N08NS5 INFINEON-BSZ110N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP027N08N5 INFINEON-IPP027N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPT015N10N5 INFINEON-IPT015N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-02-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com