Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD096N08N3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD096N08N3G
Description  Ideal for high frequency switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD096N08N3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD096N08N3G_14 Datasheet HTML 1Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 2Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 3Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 4Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 5Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 6Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 7Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 8Page - Infineon Technologies AG IPD096N08N3G_14 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPD096N08N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1810
2410
pF
Output capacitance
C oss
-
490
652
Reverse transfer capacitance
C rss
-
20
-
Turn-on delay time
t d(on)
-
13
-
ns
Rise time
t r
-
30
-
Turn-off delay time
t d(off)
-
23
-
Fall time
t f
-
5
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
9
-
nC
Gate to drain charge
Q gd
-
5
-
Switching charge
Q sw
-
10
-
Gate charge total
Q g
-
26
35
Gate plateau voltage
V plateau
-
5.2
-
V
Output charge
Q oss
V DD=40 V, V GS=0 V
-
35
47
nC
Reverse Diode
Diode continous forward current
I S
-
-
74
A
Diode pulse current
I S,pulse
-
-
296
Diode forward voltage
V SD
V GS=0 V, I F=46 A,
T j=25 °C
-
1.0
1.2
V
Reverse recovery time
t rr
-
57
-
ns
Reverse recovery charge
Q rr
-
91
-
nC
5) See figure 16 for gate charge parameter definition
V R=40 V, I F=40A,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=40 V,
f =1 MHz
V DD=40 V, V GS=10 V,
I D=40 A, R G,ext=1.6 W
V DD=40 V, I D=46 A,
V GS=0 to 10 V
Rev. 2.2
page 3
2014-05-19


Similar Part No. - IPD096N08N3G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
212Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2008-10-20
More results

Similar Description - IPD096N08N3G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD135N08N3G INFINEON-IPD135N08N3G_14 Datasheet
360Kb / 9P
   Ideal for high frequency switching
Rev. 2.2 2014-05-19
BSZ097N10NS5 INFINEON-BSZ097N10NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching
Rev.2.1,2014-05-05
IPP023N08N5 INFINEON-IPP023N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPP034N08N5 INFINEON-IPP034N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPA083N10N5 INFINEON-IPA083N10N5 Datasheet
1Mb / 11P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-18
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ110N08NS5 INFINEON-BSZ110N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP027N08N5 INFINEON-IPP027N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPT015N10N5 INFINEON-IPT015N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-02-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com