Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB12CN10NG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB12CN10NG
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB12CN10NG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB12CN10NG_13 Datasheet HTML 1Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 2Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 3Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 4Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 5Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 6Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 7Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 8Page - Infineon Technologies AG IPB12CN10NG_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IPB12CN10N G
IPD12CN10N G
IPI12CN10N G
IPP12CN10N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
3250
4320
pF
Output capacitance
C oss
-
489
650
Reverse transfer capacitance
C rss
-
29
44
Turn-on delay time
t d(on)
-
17
26
ns
Rise time
t r
-
21
32
Turn-off delay time
t d(off)
-
32
48
Fall time
t f
-
8
12
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
18
24
nC
Gate to drain charge
Q gd
-
12
18
Switching charge
Q sw
-
20
29
Gate charge total
Q g
-
49
65
Gate plateau voltage
V plateau
-
5.5
-
V
Output charge
Q oss
V DD=50 V, V GS=0 V
-
52
69
nC
Reverse Diode
Diode continous forward current
I S
-
-
67
A
Diode pulse current
I S,pulse
-
-
268
Diode forward voltage
V SD
V GS=0 V, I F=67 A,
T j=25 °C
-
1
1.2
V
Reverse recovery time
t rr
-
105
ns
Reverse recovery charge
Q rr
-
255
-
nC
5) See figure 16 for gate charge parameter definition
V R=50 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=50 V,
f =1 MHz
V DD=50 V, V GS=10 V,
I D=33.5 A,
R G,ext=1.6 W
V DD=50 V, I D=67 A,
V GS=0 to 10 V
Rev. 1.08
page 3
2013-07-09


Similar Part No. - IPB12CN10NG_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB12CN10NG INFINEON-IPB12CN10NG_10 Datasheet
510Kb / 12P
   OptiMOS?? Power-Transistor Features N-channel, normal level Very low on-resistance R DS
Rev. 1.07 2010-04-27
More results

Similar Description - IPB12CN10NG_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com