Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 2 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
Highspeed5FASTIGBTinTRENCHSTOPTM5technologycopackedwith
RAPID1fastandsoftantiparalleldiode

FeaturesandBenefits:
HighspeedF5technologyoffering
•Best-in-Classefficiencyinhardswitchingandresonant
topologies
•650Vbreakdownvoltage
•LowgatechargeQG
•IGBTcopackedwithRAPID1fastandsoftantiparalleldiode
•Maximumjunctiontemperature175°C
•QualifiedaccordingtoJEDECfortargetapplications
•Pb-freeleadplating;RoHScompliant
•CompleteproductspectrumandPSpiceModels:
http://www.infineon.com/igbt/
Applications:
•Solarconverters
•Uninterruptiblepowersupplies
•Weldingconverters
•Midtohighrangeswitchingfrequencyconverters
G
C
E
G
C E
C
KeyPerformanceandPackageParameters
Type
VCE
IC
VCEsat,Tvj=25°C
Tvjmax
Marking
Package
IKP30N65F5
650V
30A
1.6V
175°C
K30EF5
PG-TO220-3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn