Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 16 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
t
a
a
b
b
t
d(off)
t
f
t
r
t
d(on)
90% I
C
10% I
C
90% I
C
10% V
GE
10% I
C
t
90% V
GE
v
GE(t)
t
t
I
C(t)
v
CE(t)
90% V
GE
v
GE(t)
t
t
v
CE(t)
t
t
1
t
4
2% I
C
10% V
GE
2% V
CE
t
2
t
3
E
t
t
V
I
t
off
=
x
x d
1
2
CE
C
E
t
t
V
I
t
on
=
x
x d
3
4
CE
C
CC
dI /dt
F
dI
I,V
Figure A.
Figure B.
Figure C. Definition of diode switching
characteristics
Figure E. Dynamic test circuit
Figure D.
I
C(t)
Parasitic inductance L ,
parasitic capacitor L ,
relief capacitor C ,
(only for ZVT switching)
s
s
r


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn