Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 14 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
Figure 25.
Typicaldiodeforwardvoltageasafunction
ofjunctiontemperature
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
1.0
1.2
1.4
1.6
1.8
2.0
IF=10A
IF=20A
IF=40A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn