Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 13 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
Figure 21.
Typicalreverserecoverychargeasa
functionofdiodecurrentslope
(VR=400V)
diF/dt,DIODECURRENTSLOPE[A/µs]
500
1000
1500
2000
2500
3000
3500
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Tj=25°C, IF = 15A
Tj=150°C, IF = 15A
Figure 22.
Typicalpeakreverserecoverycurrentasa
functionofdiodecurrentslope
(VR=400V)
diF/dt,DIODECURRENTSLOPE[A/µs]
500
1000
1500
2000
2500
3000
3500
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
Tj=25°C, IF = 15A
Tj=150°C, IF = 15A
Figure 23.
Typicaldiodepeakrateoffallofreverse
recoverycurrentasafunctionofdiode
currentslope
(VR=400V)
diF/dt,DIODECURRENTSLOPE[A/µs]
500
1000
1500
2000
2500
3000
3500
-600
-500
-400
-300
-200
-100
0
Tj=25°C, IF = 15A
Tj=150°C, IF = 15A
Figure 24.
Typicaldiodeforwardcurrentasafunction
offorwardvoltage
VF,FORWARDVOLTAGE[V]
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
0
5
10
15
20
25
30
35
40
Tj=25°C
Tj=150°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn