Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 12 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
Figure 17.
Typicalcapacitanceasafunctionof
collector-emittervoltage
(VGE=0V,f=1MHz)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
5
10
15
20
25
30
1
10
100
1000
1E+4
Cies
Coes
Cres
Figure 18.
IGBTtransientthermalimpedance
(D=tp/T)
tp,PULSEWIDTH[s]
1E-6
1E-5
1E-4
0.001
0.01
0.1
1
0.001
0.01
0.1
1
D=0.5
0.2
0.1
0.05
0.02
0.01
single pulse
i:
ri[K/W]:
τi[s]:
1
0.07749916
3.7E-5
2
0.2797936
3.6E-4
3
0.2828165
4.9E-3
4
0.1598907
0.04086392
Figure 19.
Diodetransientthermalimpedanceasa
functionofpulsewidth
(D=tp/T)
tp,PULSEWIDTH[s]
1E-7
1E-6
1E-5
1E-4 0.001
0.01
0.1
1
0.001
0.01
0.1
1
D=0.5
0.2
0.1
0.05
0.02
0.01
single pulse
i:
ri[K/W]:
τi[s]:
1
0.7711427
2.5E-4
2
0.7017677
3.6E-3
3
0.3270896
0.03455018
Figure 20.
Typicalreverserecoverytimeasafunction
ofdiodecurrentslope
(VR=400V)
diF/dt,DIODECURRENTSLOPE[A/µs]
500
1000
1500
2000
2500
3000
3500
40
50
60
70
80
90
100
110
120
130
Tj=25°C, IF = 15A
Tj=150°C, IF = 15A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn