Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 11 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
Figure 13.
Typicalswitchingenergylossesasa
functionofgateresistor
(inductiveload,Tvj=150°C,VCE=400V,
VGE=15/0V,IC=15A,Dynamictestcircuitin
Figure E)
rG,GATERESISTOR[
Ω]
5
15
25
35
45
55
65
75
85
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Eoff
Eon
Ets
Figure 14.
Typicalswitchingenergylossesasa
functionofjunctiontemperature
(inductiveload,VCE=400V,VGE=15/0V,
IC=15A,rG=23
Ω,Dynamictestcircuitin
Figure E)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Eoff
Eon
Ets
Figure 15.
Typicalswitchingenergylossesasa
functionofcollectoremittervoltage
(inductiveload,Tvj=150°C,VGE=15/0V,
IC=15A,rG=23
Ω,Dynamictestcircuitin
Figure E)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
200
250
300
350
400
450
500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Eoff
Eon
Ets
Figure 16.
Typicalgatecharge
(IC=30A)
QGE,GATECHARGE[nC]
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
130V
520V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn