Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
DiodeCharacteristic,atTvj=150°C
Diode reverse recovery time
trr
-
83
-
ns
Diode reverse recovery charge
Qrr
-
0.90
-
µC
Diode peak reverse recovery current
Irrm
-
19.3
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-288
-
A/µs
Tvj=150°C,
VR=400V,
IF=15.0A,
diF/dt=1600A/µs
Diode reverse recovery time
trr
-
51
-
ns
Diode reverse recovery charge
Qrr
-
0.49
-
µC
Diode peak reverse recovery current
Irrm
-
17.7
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-538
-
A/µs
Tvj=150°C,
VR=400V,
IF=5.0A,
diF/dt=1300A/µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn