Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IKP30N65F5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. IKP30N65F5
Description  IGBT copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IKP30N65F5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
IKP30N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.2,2014-12-04
Turn-on delay time
td(on)
-
18
-
ns
Rise time
tr
-
4
-
ns
Turn-off delay time
td(off)
-
174
-
ns
Fall time
tf
-
15
-
ns
Turn-on energy
Eon
-
0.09
-
mJ
Turn-off energy
Eoff
-
0.02
-
mJ
Total switching energy
Ets
-
0.11
-
mJ
Tvj=25°C,
VCC=400V,IC=5.0A,
VGE=0.0/15.0V,
RG(on)=23.0
Ω,RG(off)=23.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
55
-
ns
Diode reverse recovery charge
Qrr
-
0.41
-
µC
Diode peak reverse recovery current
Irrm
-
14.4
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-399
-
A/µs
Tvj=25°C,
VR=400V,
IF=15.0A,
diF/dt=1600A/µs
Diode reverse recovery time
trr
-
29
-
ns
Diode reverse recovery charge
Qrr
-
0.22
-
µC
Diode peak reverse recovery current
Irrm
-
12.6
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-820
-
A/µs
Tvj=25°C,
VR=400V,
IF=5.0A,
diF/dt=1300A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=150°C
Turn-on delay time
td(on)
-
18
-
ns
Rise time
tr
-
10
-
ns
Turn-off delay time
td(off)
-
203
-
ns
Fall time
tf
-
3
-
ns
Turn-on energy
Eon
-
0.38
-
mJ
Turn-off energy
Eoff
-
0.12
-
mJ
Total switching energy
Ets
-
0.50
-
mJ
Tvj=150°C,
VCC=400V,IC=15.0A,
VGE=0.0/15.0V,
RG(on)=23.0
Ω,RG(off)=23.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
Turn-on delay time
td(on)
-
16
-
ns
Rise time
tr
-
5
-
ns
Turn-off delay time
td(off)
-
230
-
ns
Fall time
tf
-
9
-
ns
Turn-on energy
Eon
-
0.15
-
mJ
Turn-off energy
Eoff
-
0.04
-
mJ
Total switching energy
Ets
-
0.19
-
mJ
Tvj=150°C,
VCC=400V,IC=5.0A,
VGE=0.0/15.0V,
RG(on)=23.0
Ω,RG(off)=23.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn