Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW40N65R5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IHW40N65R5
Description  high ruggedness and stable temperature behavior
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW40N65R5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IHW40N65R5 Datasheet HTML 3Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 4Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 5Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 6Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 7Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 8Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 9Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 10Page - Infineon Technologies AG IHW40N65R5 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
IHW40N65R5
ResonantSwitchingSeries
Rev.2.2,2014-11-27
Figure 1.
Safeoperatingarea
(D=0,TC=25°C,Tvj
≤175°C,VGE=15V,tp=1µs)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
1
10
100
1000
0.1
1
10
100
not for linear use
Figure 2.
Powerdissipationasafunctionofcase
temperature
(Tvj
≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
50
100
150
200
250
Figure 3.
Collectorcurrentasafunctionofcase
temperature
(VGE
≥15V,Tvj≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
Figure 4.
Typicaloutputcharacteristic
(Tvj=25°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
70
80
90
100
110
120
VGE=20V
17V
15V
13V
11V
9V
8V
7V
6V


Similar Part No. - IHW40N65R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW40N65R5 INFINEON-IHW40N65R5 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW40N65R5 INFINEON-IHW40N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
More results

Similar Description - IHW40N65R5

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTGT25N135 DINTEK-DTGT25N135 Datasheet
1Mb / 8P
   High ruggedness, temperature stable behavior
DTGN15N120 DINTEK-DTGN15N120 Datasheet
1Mb / 10P
   High ruggedness, temperature stable behavior
logo
GeneSiC Semiconductor, ...
GB10SLT06-CAL GENESIC-GB10SLT06-CAL Datasheet
215Kb / 3P
   Temperature independent switching behavior
GB02SLT06-CAL GENESIC-GB02SLT06-CAL Datasheet
209Kb / 3P
   Temperature independent switching behavior
logo
Littelfuse
MG12105S-BA1MM LITTELFUSE-MG12105S-BA1MM Datasheet
1Mb / 6P
   High Ruggedness
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com