Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51123 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS51123
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51123 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS51123_15 Datasheet HTML 20Page - Texas Instruments TPS51123_15 Datasheet HTML 21Page - Texas Instruments TPS51123_15 Datasheet HTML 22Page - Texas Instruments TPS51123_15 Datasheet HTML 23Page - Texas Instruments TPS51123_15 Datasheet HTML 24Page - Texas Instruments TPS51123_15 Datasheet HTML 25Page - Texas Instruments TPS51123_15 Datasheet HTML 26Page - Texas Instruments TPS51123_15 Datasheet HTML 27Page - Texas Instruments TPS51123_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
(
) (
)
( )
(
)
( )
f
OUT
RIPPLE
V
20 mV
1
D
20 mV
L
ESR
2 V
I
2 V
´
´
-
´ ´
=
-
´
(
)
( )
(
)
(
)
(
)
f
OUT
OUT
IN max
TRIP
IND peak
DS on
IN max
V
1
R
L
V
V
V
I
V
´
-
´
=
+
´
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
f
f
OUT
OUT
OUT
OUT
IN max
IN max
IND ripple
IN max
OUT max
IN max
1
3
I
I
V
V
V
V
V
V
L
V
V
´
´
´
-
´
-
´
=
=
´
(
)
OUT
V
2.0
R1
R2
2.0
-
=
´
TPS51123
SLUS890E – DECEMBER 2008 – REVISED JANUARY 2013
www.ti.com
UVLO Protection
TPS51123 has VREG5 under voltage lock out protection (UVLO). When the VREG5 voltage is lower than UVLO
threshold voltage both switch mode power supplies are shut off. This is non-latch protection. When the VREG3
voltage is lower than (VO2 - 1 V), both switch mode power supplies are also shut off
Thermal Shutdown
TPS51123 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 150°C),
TPS51123 is shut off including LDOs. This is non-latch protection.
External Parts Selection
The external components selection is much simple in D-CAP™ Mode.
1. Determine output voltage
The output voltage is programmed by the voltage-divider resistor, R1 and R2, as shown in Figure 36. R1 is
connected between VFBx pin and the output, and R2 is connected betwen the VFBx pin and GND.
Recommended R2 value is from 10 k
Ω to 20 kΩ. Determine R1 using equation as below.
(5)
2. Choose the Inductor
The inductance value should be determined to give the ripple current of approximately 1/4 to 1/2 of maximum
output current. Larger ripple current increases output ripple voltage and improves S/N ratio and helps stable
operation.
(6)
The inductor also needs to have low DCR to achieve good efficiency, as well as enough room above peak
inductor current before saturation. The peak inductor current can be estimated as follows.
(7)
3. Choose the Output Capacitor(s)
Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended. Determine ESR to meet
required ripple voltage. A quick approximation is as shown in Equation 8. This equation is based on that required
output ripple slope is approximately 20 mV per TSW (switching period) in terms of VFB terminal voltage.
where
D is the duty cycle
the required output ripple slope is approximately 20 mV per tSW (switching period) in terms of VFB terminal
voltage
(8)
4. Choose the Low-Side MOSFET
It is highly recommended that the low-side MOSFET should have an integrated Schottky barrier diode, or an
external Schottky barrier diode in parallel to achieve stable operation.
24
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TPS51123


Similar Part No. - TPS51123_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGER TI1-TPS51123ARGER Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGET TI1-TPS51123ARGET Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGER TI-TPS51123RGER Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGET TI-TPS51123RGET Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Similar Description - TPS51123_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com