Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51123 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS51123
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51123 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS51123_15 Datasheet HTML 12Page - Texas Instruments TPS51123_15 Datasheet HTML 13Page - Texas Instruments TPS51123_15 Datasheet HTML 14Page - Texas Instruments TPS51123_15 Datasheet HTML 15Page - Texas Instruments TPS51123_15 Datasheet HTML 16Page - Texas Instruments TPS51123_15 Datasheet HTML 17Page - Texas Instruments TPS51123_15 Datasheet HTML 18Page - Texas Instruments TPS51123_15 Datasheet HTML 19Page - Texas Instruments TPS51123_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
3.3-V EFFICIENCY
vs
OUTPUT CURRENT
0
20
40
60
80
100
0.001
0.01
0.1
1
10
I
OUT2 - 3.3-V Output Current - A
Auto-skip
PWM Only
OOA
5-V Switcher ON
VIN=8V
VIN=12V
VIN=20V
3.3-VOUTPUTVOLTAGE
vs
INPUTVOLTAGE
3.240
3.270
3.300
3.330
3.360
6
8
10
12
14
16
18
20
22
24
26
V
IN -InputVoltage-V
I
O =0A
I
O =6A
0
20
40
60
80
100
0.001
0.01
0.1
1
10
V
IN = 20 V
V
IN = 12 V
V
IN = 8 V
OOA
Auto-Skip
PWM Only
I
OUT1 – 5-V Output Current – A
5-V EFFICIENCY
vs
OUTPUT CURRENT
TPS51123
SLUS890E – DECEMBER 2008 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 25.
Figure 26.
Figure 27.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TPS51123


Similar Part No. - TPS51123_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGER TI1-TPS51123ARGER Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGET TI1-TPS51123ARGET Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGER TI-TPS51123RGER Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGET TI-TPS51123RGET Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Similar Description - TPS51123_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com