Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW20G120C5B Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IDW20G120C5B
Description  Revolutionary semiconductor material - Silicon Carbide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW20G120C5B Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IDW20G120C5B Datasheet HTML 2Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 3Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 4Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 5Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 6Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 7Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 8Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 9Page - Infineon Technologies AG IDW20G120C5B Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Final Data Sheet
7
Rev. 2.0, 2014-06-10
5
th Generation thinQ!™ 1200 V SiC Schottky Diode
IDW20G120C5B
Figure 5. Typical capacitive charge per leg as
function of current slope
1, Q
C=f(dIF/dt), Tj=150°C
1) guaranteed by design.
Figure 6. Typical reverse characteristics per leg,
IR=f(VR), parameter: Tj
Figure 7. Max. transient thermal impedance per leg,
Zth,j-c=f(tP), parameter: D=tP/T
Figure 8. Typical capacitance per leg as function of
reverse voltage, C=f(VR); Tj=25°C; f=1 MHz
0
10
20
30
40
50
60
100
400
700
1000
dIF/dt [A/µs]
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
200
400
600
800
1000
1200
VR [V]
-55 C
25 C
100 C
150 C
175 C
0.01
0.1
1
1E-6
1E-3
1E0
tp [s]
D= 0.50
D= 0.20
D= 0.10
D= 0.05
D= 0.02
D= 0.01
Single Pulse
0
100
200
300
400
500
600
700
800
900
0
1
10
100
1000
VR [V]
Per leg
Per leg
Per leg
Per leg


Similar Part No. - IDW20G120C5B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5 INFINEON-IDW20G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDW20G65C5 INFINEON-IDW20G65C5 Datasheet
1Mb / 11P
   SiC Silicon Carbide Diode
Rev. 2.2, 2013-01-15
IDW20G65C5B INFINEON-IDW20G65C5B Datasheet
742Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW20G65C5 INFINEON-IDW20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
More results

Similar Description - IDW20G120C5B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW10G120C5B INFINEON-IDW10G120C5B Datasheet
815Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
IDW30G120C5B INFINEON-IDW30G120C5B Datasheet
593Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
IDW15G120C5B INFINEON-IDW15G120C5B Datasheet
590Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
IDW40G120C5B INFINEON-IDW40G120C5B Datasheet
593Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
logo
Fairchild Semiconductor
TSSOP-56 FAIRCHILD-TSSOP-56 Datasheet
92Kb / 1P
   Fairchild Semiconductor Product Package Material Disclosure
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Rohm
BD5451EFV ROHM-BD5451EFV Datasheet
156Kb / 5P
   Silicon Semiconductor integrated circuits
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com