Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD103-B1-02 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ESD103-B1-02
Description  Bi-directional Femto Farad Capacitance TVS Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD103-B1-02 Datasheet(HTML) 4 Page - Infineon Technologies AG

  ESD103-B1-02 Datasheet HTML 1Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 2Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 3Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 4Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 5Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 6Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 7Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 8Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ESD103-B1-02 Series
Characteristics
Final Data Sheet
5
Revision 1.3, 2014-06-12
2
Characteristics
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
2.1
Electrical Characteristics
at TA = 25 °C, unless otherwise specified
Figure 2
Definitions of electrical characteristics
Table 2
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
ESD contact discharge1)
1) VESD according to IEC61000-4-2 (R =330 Ω, C = 150 pF discharge network)
VESD
-10
10
kV
Operating temperature
TOP
-55
125
°C
Storage temperature
Tstg
-65
150
°C









 
   

 
  



 
 
   
  

    
 
 
   !"# 
 
    

  


Similar Part No. - ESD103-B1-02

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ESD10 COOPER-ESD10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD10 COOPER-ESD10 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD10 EATON-ESD10 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
More results

Similar Description - ESD103-B1-02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0R1B-02LRH INFINEON-ESD8V0R1B-02LRH Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
ESD204-B1-02ELS INFINEON-ESD204-B1-02ELS Datasheet
1Mb / 12P
   Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
logo
TECH PUBLIC Electronics...
AZ5423-01F TECHPUBLIC-AZ5423-01F Datasheet
1Mb / 4P
   Low Capacitance Bi-directional TVS Diode
logo
Infineon Technologies A...
ESD8V0R1B-02LSE6327 INFINEON-ESD8V0R1B-02LSE6327 Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
logo
TECH PUBLIC Electronics...
ESD5V0B05-923 TECHPUBLIC-ESD5V0B05-923 Datasheet
913Kb / 4P
   Low Capacitance Bi-directional TVS Diode
logo
Infineon Technologies A...
ESD0P2RF-02LRH INFINEON-ESD0P2RF-02LRH_10 Datasheet
622Kb / 8P
   Bi-directional Ultra Low Capacitance TVS Diode
2010-04-12
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Applied Power Microelec...
AR1211D3H APMICRO-AR1211D3H Datasheet
553Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
AR1511D3 APMICRO-AR1511D3 Datasheet
774Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com