Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ1100N22K Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DZ1100N22K
Description  Pressure contact technology for high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DZ1100N22K Datasheet(HTML) 2 Page - Infineon Technologies AG

  DZ1100N22K Datasheet HTML 1Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 2Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 3Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 4Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 5Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 6Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 7Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 8Page - Infineon Technologies AG DZ1100N22K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Information /
technical information
DZ1100N22K
Date of Publication 2014-04-10
Revision 3.1
2/10
Seite/page
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
DZ1100N22K
Periodische Spitzensperrspannung
repetitive peak reverse voltages
Tvj = -40°C... Tvj max
VRRM
2200 V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
2300 V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
IFRMSM
1800 A
Dauergrenzstrom
average on-state current
TC = 100°C
IFAVM
1100 A
Stoßstrom-Grenzwert
surge current
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
IFSM
48000
40000
A
A
Grenzlastintegral
I²t-value
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
I²t
11520000
8000000
A²s
A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 3000A
vF
max.
1,11 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
max.
0,75 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
max.
0,073 mΩ
Sperrstrom
reverse current
Tvj = Tvj max , vR = VRRM
iR
max.
80 mA
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50Hz, t = 1 sec
RMS, f = 50Hz, t = 1 min
VISOL
3,6
3
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module,
Θ = 180° sin
pro Modul / per Module, DC
RthJC
max.
max.
0,0480
0,0466
K/W
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
pro Zweig / per arm
RthCH
max.
0,015 K/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
150 °C
Betriebstemperatur
operating temperature
Tc op
- 40...+150 °C
Lagertemperatur
storage temperature
Tstg
- 40...+150 °C
prepared by: CD
date of publication: 2014-04-10
approved by: ML
revision:
3.1


Similar Part No. - DZ1100N22K

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DZ1100N22K ISC-DZ1100N22K Datasheet
264Kb / 2P
   Rectifier Diode Module
More results

Similar Description - DZ1100N22K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com