Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ1070N28K Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # DZ1070N28K
Description  Pressure contact technology for high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DZ1070N28K Datasheet(HTML) 1 Page - Infineon Technologies AG

  DZ1070N28K Datasheet HTML 1Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 2Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 3Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 4Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 5Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 6Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 7Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 8Page - Infineon Technologies AG DZ1070N28K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Information /
technical information
DZ1070N28K
Date of Publication 2014-04-17
Revision 3.2
1/10
Seite/page
Key Parameters
VDRM / VRRM
2800 V
IFAVM
1070 A (TC=100°C)
3570A (TC=55°C)
IFSM
41000 A
vT0
0,8 V
rT
0,17
mΩ
RthJC
0,0435 K/W
Baseplate
70 mm
Weight
2750 g
For type designation please refer to actual
shortform catalog
http://www.ifbip.com/catalog
Merkmale
Features
Druckkontakt- Technologie für hohe
Verlässlichkeit
Pressure contact technology for high reliability
Industrie-Standard-Gehäuse
Industial standard package
Elektrisch isolierte Grundplatte
Electrically insulated baseplate
Advanced medium power technology
Advanced medium power technology
Typische Anwendungen
Typical Applications
Gleichrichter für Antriebsapplikationen
Rectifier for Drives Applications
Gleichricher für UPS
Rectifiers for UPS
Batterieladegleichrichter
Battery chargers
content of customer DMX code DMX code
DMX code
digit
digit quantity
serial number
1..7
7
SP material number
8..16
9
datecode (production day)
17..18
2
datecode (production year)
19..20
2
datecode (production month)
21..22
2
vT class
23..26
4
QR class
27..30
4
www.ifbip.com
support@infineon-bip.com


Similar Part No. - DZ1070N28K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DZ1070N22K INFINEON-DZ1070N22K Datasheet
363Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
DZ1070N26K INFINEON-DZ1070N26K Datasheet
328Kb / 10P
   Pressure contact technology for high reliability
2017-02-07 Revision 3.1
More results

Similar Description - DZ1070N28K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com