Electronic Components Datasheet Search |
|
TPS40322 Datasheet(PDF) 23 Page - Texas Instruments |
|
TPS40322 Datasheet(HTML) 23 Page - Texas Instruments |
23 / 42 page ( ) ( ) RIPPLE1 OC OUT1 I 2.5 A V I 1.2 DCR 1.2 10 A 1.2 3.15 m 1.2 51.05 mV 2 2 é ù é ù æ ö æ ö = + ´ ´ ´ = + ´ ´ W ´ = ê ú ê ú ç ÷ ç ÷ è ø è ø ë û ë û ( ) ( ) ( ) = ´ ´ ´ DCR L peak V DCR 1.2 I 1.3 ( ) ( ) ( ) ´ = - CS max DCR CS max R13 V R15 V V m = = = W ´ m ´ W DCR L1 0.88 H R13 2.8 k C V 0.1 F 3.15 m OUT1 IN(min) V D V = ( ) ( ) OUT1 RMS cin1 I I D 1 D 10 A 0.15 (1 0.15) 3.57 A = ´ ´ - = ´ ´ - = ( ) RIPPLE(esr) MAX 1 OUT1 RIPPLE1 2 V 50mV ESR 4.44m 11.25 A I I = = = W + ´ OUT1 OUT1 IN1(min) RIPPLE(cap) IN(min) SW I V 10 A 1.2 V C 15 F V V f 200mV 8 V 500kHz ´ ´ = = = m ´ ´ ´ ´ TPS40322 www.ti.com SLUSAF8D – JUNE 2011 – REVISED JANUARY 2014 A 744314110 from Wurth-Midcom with 1.1-µH zero current inductance is selected. Inductance for this part is 0.88-µH at 10 A bias. This 15-A, 3.15 m Ω inductor exceeds the minimum inductor ratings in a 7 mm x 7 mm package. Input Capacitor Selection (C3 through C6) The input voltage ripple is divided between the capacitance and ESR of the input capacitor. For this design VRIPPLE(cap) = 200 mV and VRIPPLE(esr) = 50 mV. The minimum capacitance and maximum ESR are estimated using Equation 16. (16) (17) The RMS current in the input capacitors is estimated using Equation 18. (18) (19) To achieve these goals, two 0805, 10-µF capacitors, one 0605, 1.0-µF capacitor and one 0402, 0.1-µF X5R ceramic capacitor are combined at the input. MOSFET Selection (Q1) Texas Instruments CSD86330, 20-A power block device was chosen. This device incorporates the high-side and low-side MOSFETs in a single 3 mm x 3 mm package. The high-side MOSFET has an on-resistance (RDS(on)) of 8.8 m Ω, while the low-side on-resistance (RDS(on)) is 4.6 mΩ, both at 4.5 V gate voltage. A 5.11-Ω gate resistor is used on the HDRV pin on each device for added noise immunity. ILIM Resistor (R2) The output current is sensed across the DCR of the L1 output inductor. An RC combination having a time constant equal to that of the L1 inductance and the DCR is used to extract the current information as a voltage. A standard capacitor value of 0.1-µF is used. The resistor, R13, can be calculated using Equation 20. (20) A standard 3.09-k Ω resistor was selected. This design limits the maximum voltage drop across the current sense inputs, VCS(max), to 50 mV. If the voltage drop across the DCR of the inductor is greater than VCS(max), after allowing for 30% overshoot spikes and a 20% variation in the DCR value, then a resistor is added to divide the voltage down to 50 mV. The divider resistor, R15, is calculated by Equation 21. where (22) (22) The maximum DCR voltage drop is given by Equation 23. (23) Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback 23 |
Similar Part No. - TPS40322_15 |
|
Similar Description - TPS40322_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |