Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40322 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40322_15 Datasheet HTML 1Page - Texas Instruments TPS40322_15 Datasheet HTML 2Page - Texas Instruments TPS40322_15 Datasheet HTML 3Page - Texas Instruments TPS40322_15 Datasheet HTML 4Page - Texas Instruments TPS40322_15 Datasheet HTML 5Page - Texas Instruments TPS40322_15 Datasheet HTML 6Page - Texas Instruments TPS40322_15 Datasheet HTML 7Page - Texas Instruments TPS40322_15 Datasheet HTML 8Page - Texas Instruments TPS40322_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TPS40322
SLUSAF8D – JUNE 2011 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VVDD = 12 V, RRT = 40 kΩ, fSW = 500 kHz (unless otherwise noted),
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY
VDD
Input voltage range
3
20
V
IDDSDN
Shutdown
VENx/SSx = 0 V
200
250
µA
IDDQ
Quiescent, non-switching
VFB = 0.65 V, ENx/SSx float
6
8
mA
UVLO
UVLO
Minimum turn-on voltage
1.21
1.24
1.27
V
UVLOHYS
Hysteresis current
13
15
17
μA
BP REGULATOR
BP
Regulator voltage
7 V
≤ VVDD ≤ 20 V
6.2
6.5
6.8
V
VDO
Regulator dropout voltage
IBP = 25 mA, VVDD = 3 V
50
100
mV
IBP
Regulator continuous current limit(1)
100
mA
VBPUVLO
Regulator output UVLO
2.40
2.70
2.95
V
VBPUVLO-HYS
Regulator output UVLO hysteresis
180
210
250
mV
OSCILLATOR/ RAMP GENERATOR
100
1000
kHz
fSW
Oscillator frequency
RRT = 40 kΩ
450
500
550
kHz
VRAMP
Ramp amplitude (peak-to-peak)
3 V < VVDD < 20 V
VDD/8.5
V
VVAL
Valley voltage
0.85
V
fSYNC
SYNC frequency range
200
2000
kHz
tPW(sync)
SYNC input minimum pulse width
100
ns
VH(sync)
Rising edge threshold to set sync pulse
2
V
VL(sync)
Falling edge threshold to reset sync pulse
0.8
V
fMASTER
Master clock frequency
200
2000
kHz
Percent of master frequency for
–20%
20%
ΔfSYNC
synchronization
Master
0°/180° phase shift
0.5
V
VPHSET
Slave
0°/180° phase shift
0.6
2.0
V
Slave
90°/270° phase shift
2.1
V
PWM
PWM(off)
Minimum PWM off-time
90
130
ns
tON(min)
Minimum controllable pulse width
See (1)
90
ns
tDEAD
Output driver dead time
HDRV off to LDRV on
20
35
40
ns
tDEAD
Output driver dead time
LDRV off to HDRV on
20
35
40
ns
ERROR AMPLIFIER AND VOLTAGE REFERENCE
0°C < TJ < 70°C
597
600
603
mV
VFB
FB input voltage
–40°C < TJ < 125°C
594
600
606
IFB
FB input bias current
20
75
nA
GBWP
Unity gain bandwidth
See (1)
24
MHz
AVOL
Open loop gain
See (1)
80
dB
IOH
High-level output current
3
mA
IOL
Low-level output current
9
mA
(1)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated


Similar Part No. - TPS40322_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com