Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD360N22K Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # DD360N22K
Description  Pressure contact technology for high reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD360N22K Datasheet(HTML) 3 Page - Infineon Technologies AG

  DD360N22K Datasheet HTML 1Page - Infineon Technologies AG DD360N22K Datasheet HTML 2Page - Infineon Technologies AG DD360N22K Datasheet HTML 3Page - Infineon Technologies AG DD360N22K Datasheet HTML 4Page - Infineon Technologies AG DD360N22K Datasheet HTML 5Page - Infineon Technologies AG DD360N22K Datasheet HTML 6Page - Infineon Technologies AG DD360N22K Datasheet HTML 7Page - Infineon Technologies AG DD360N22K Datasheet HTML 8Page - Infineon Technologies AG DD360N22K Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Daten /
technical information
DD360N22K
Date of Publication 2014-02-14
Revision: 3.2
3/9
Seite/page
Mechanische Eigenschaften
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 4
page 4
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Innere Isolation
internal insulation
Basisisolierung (Schutzklasse 1, EN 61140)
Basic insulation (class 1, IEC 61140)
AlN
Anzugsdrehmoment für mechanische Anschlüsse
mounting torque
Toleranz ±15%
M1
6
Nm
Anzugsdrehmoment für elektrische Anschlüsse
terminal connection torque
Toleranz ±10%
M2
12
Nm
Gewicht
weight
G
typ.
780 g
Kriechstrecke
creepage distance
17 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²
file-No.
E 83335


Similar Part No. - DD360N22K

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD30 REICU-DD30 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D05 REICU-DD30-110D05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110D12 REICU-DD30-110D12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S05 REICU-DD30-110S05 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD30-110S12 REICU-DD30-110S12 Datasheet
302Kb / 1P
   DC/DC CONVERTER
REV:15.1
More results

Similar Description - DD360N22K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com