Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1961SH Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # D1961SH
Description  High DC blocking stability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D1961SH Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button D1961SH Datasheet HTML 3Page - Infineon Technologies AG D1961SH Datasheet HTML 4Page - Infineon Technologies AG D1961SH Datasheet HTML 5Page - Infineon Technologies AG D1961SH Datasheet HTML 6Page - Infineon Technologies AG D1961SH Datasheet HTML 7Page - Infineon Technologies AG D1961SH Datasheet HTML 8Page - Infineon Technologies AG D1961SH Datasheet HTML 9Page - Infineon Technologies AG D1961SH Datasheet HTML 10Page - Infineon Technologies AG D1961SH Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Schnelle beschaltungslose Diode
Fast Hard Drive Diode
Technische Information /
technical information
D 1961SH
Revision: 3.1
Seite/page 9/11
Date of Publication: 2014-06-01
IFM=250A
IFM=500A
IFM=1000A
IFM=2500A
0
5
10
15
20
25
0
200
400
600
800
1000
1200
1400
-di/dt [A/µs]
Ausschaltverlust Energie / turn-off energy Eoff = f(-di/dt)
Tvj=Tvjmax, clamp circuit LS ≤ 0,25µH,RCL = 68Ω
CCL = 3µF, DCL = 34DSH65


Similar Part No. - D1961SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D1961SH EUPEC-D1961SH Datasheet
270Kb / 10P
   Fast Hard Drive Diode
More results

Similar Description - D1961SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D3041N INFINEON-D3041N Datasheet
318Kb / 9P
   High DC blocking stability
logo
Epson Company
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
   HIGH STABILITY
logo
CRYSTEK CORPORATION
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
   High Stability
logo
Epson Company
TG-5006CG EPSON-TG-5006CG Datasheet
393Kb / 2P
   HIGH STABILITY
TG2016SBN EPSON-TG2016SBN Datasheet
632Kb / 2P
   HIGH STABILITY
TG-5035CJ EPSON-TG-5035CJ Datasheet
452Kb / 2P
   HIGH STABILITY
TG-5035CE EPSON-TG-5035CE Datasheet
374Kb / 2P
   HIGH STABILITY
logo
Solid State Optronic
SAT1670 SSOUSA-SAT1670 Datasheet
392Kb / 8P
   High stability
logo
Willow Technologies Ltd
CXLTG WILLOW-CXLTG Datasheet
391Kb / 2P
   High Stability
logo
Epson Company
TG1612SAN EPSON-TG1612SAN Datasheet
440Kb / 2P
   HIGH STABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com