Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11209-110 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C11209-110
Description  Optical measurement modules for low-level light detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11209-110 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C11209-110_15 Datasheet HTML 1Page - Hamamatsu Corporation C11209-110_15 Datasheet HTML 2Page - Hamamatsu Corporation C11209-110_15 Datasheet HTML 3Page - Hamamatsu Corporation C11209-110_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MPPC® module
C11209-110
Optical measurement modules for low-level
light detection
1
www.hamamatsu.com
Rangefinders
High sensitivity in the short wavelength range
Analytical instruments
Built-in temperature compensation circuit
Compact and lightweight
Fluorescence measurement
High-speed response
Features
Applications
Structure
Parameter
Symbol
Value
Unit
Internal MPPC
-
S12571-010C
-
Effective photosensitive area
-
1 × 1
mm
Pixel pitch
-
10
μm
Number of pixels
-
10000
-
Absolute maximum ratings
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vs
+6
V
Operating temperature
Topr
No condensation
-10 to +40
°C
Storage temperature
Tstg
No condensation
-20 to +50
°C
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical and optical characteristics (Typ. Ta=25 °C, λ=470 nm, unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
320 to 900
nm
Peak sensitivity wavelength
λp
-
520
-
nm
Temperature stability of
output voltage
-
Ta=25 ± 10 °C
-
-
±5
%
Photoelectric sensitivity
-
2.1 × 106
2.6 × 106
3.2 × 106
V/W
Rise time
-
-
500
-
ps
Cutoff
frequency
High band
fc
-
40
-
MHz
Low band
-
10
-
kHz
Noise equivalent power
NEP
Dark state
-
3
-
fW/Hz1/2
Minimum detection limit
-
Dark state
-
20
-
pW rms
Saturation incident light level
-
-
100
-
nW
The C11209-110 is an optical measurement module capable of detecting low level light. It consists of an MPPC, a high-speed
amplifier circuit, a high-voltage circuit, and a temperature compensation circuit. Utilizing a small pixel pitch (10 μm) MPPC
allows high-speed measurement over a wide dynamic range, making the C11209-110 suitable for high-speed signal measure-
ment such as distance measurement. The C11209-110 operate just by connecting it to an external single power supply (+5 V).


Similar Part No. - C11209-110_15

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C1120275 HUBBELL-C1120275 Datasheet
368Kb / 1P
   Anchor, Bumper Post, 3.5inX 84in
logo
Hamamatsu Corporation
C11202 HAMAMATSU-C11202_15 Datasheet
380Kb / 5P
   Single pixel photon counting module for low-light-level detection
C11204-01 HAMAMATSU-C11204-01_15 Datasheet
320Kb / 5P
   Bias power supply with built-in high precision temperature compensation for MPPCs
More results

Similar Description - C11209-110_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C11202 HAMAMATSU-C11202_15 Datasheet
380Kb / 5P
   Single pixel photon counting module for low-light-level detection
A11213 HAMAMATSU-A11213 Datasheet
1Mb / 28P
   Optical Components for Optical Measurement
logo
Dialight Corporation
515-1061 DIALIGHT-515-1061 Datasheet
19Kb / 1P
   Optical Light Pipe, Bi-Level
logo
Endress+Hauser Group Se...
TI01266F EH-TI01266F Datasheet
1Mb / 44P
   Level measurement for liquids
2020-08-17
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
Broadcom Corporation.
AFBR-S10PS010Z BOARDCOM-AFBR-S10PS010Z Datasheet
654Kb / 5P
   Point Sensor for Light Detection and Plastic Optical Fiber Connector for Point Sensor
logo
Analog Devices
ADPD188BI AD-ADPD188BI Datasheet
1Mb / 62P
   Integrated Optical Module for Smoke Detection
logo
Endress+Hauser Group Se...
TI01524P EH-TI01524P Datasheet
599Kb / 24P
   Compact transmitter for level measurement
2020-08-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com