Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C13365 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C13365
Description  Optical measurement modules for low-level-light detection, Analog output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C13365 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C13365_15 Datasheet HTML 1Page - Hamamatsu Corporation C13365_15 Datasheet HTML 2Page - Hamamatsu Corporation C13365_15 Datasheet HTML 3Page - Hamamatsu Corporation C13365_15 Datasheet HTML 4Page - Hamamatsu Corporation C13365_15 Datasheet HTML 5Page - Hamamatsu Corporation C13365_15 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPPC® modules
C13365 series
Optical measurement modules for low-level-light detection,
Analog output
www.hamamatsu.com
1
The C13365 series are optical measurement modules capable of detecting low level light. These modules consist of an
MPPC, a signal amplifier circuit, a high-voltage power supply circuit, and a temperature compensation circuit. The photosen-
sitive area is available in two sizes of 1.3 × 1.3 mm and 3 × 3 mm, and the signal output is analog. Modules operate just
by connecting them to an external power supply (±5 V).
Structure
Parameter
Symbol
C13365-1350SA
C13365-3050SA
Unit
Effective photosensitive area
-
1.3 × 1.3
3 × 3
mm
Pixel pitch
-
50
μm
Number of pixels
-
667
3600
-
Absolute maximum ratings
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vs
±6
V
Operating temperature
Topr
No dew condensation*1
-20 to +60
°C
Storage temperature
Tstg
No dew condensation*1
-20 to +80
°C
*1: When there is a temperature difference between a product and the surrounding area in high humidity environment, dew condensation
may occur on the product surface. Dew condensation on the product may cause deterioration in characteristics and reliability.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical and optical characteristics (Typ. Ta=25 °C, λ=λp, Vs=±5 V, unless otherwise noted)
Parameter
Symbol
Condition
C13365-1350SA
C13365-3050SA
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Spectral response range
λ
270 to 900
270 to 900
nm
Peak sensitivity wavelength
λp
-
500
-
-
500
-
nm
Temperature stability of
output voltage
-
Ta=25 ± 10 °C
-
-
±5-
-
±5%
Photoelectric sensitivity
-
0.7 × 109 1.0 × 109 1.3 × 109 0.7 × 109 1.0 × 109 1.3 × 109
V/W
Cutoff
frequency
High band
fc
-3 dB, sine wave
3.5
5
-
3.5
5
-
MHz
Low band
DC
DC
-
Rise time
tr
10% to 90%, 1 p.e.
-5-
-9-
ns
Noise equivalent power
NEP
Dark state
-
0.5
1.0
-
1.2
2.0
fW/Hz1/2
Minimum detection limit
-
Dark state
-
1
2
-
2.7
4.5
pW rms
Maximum output voltage
-
-
4.7
-
-
4.7
-
V
Flow cytometry
Low-level-light measurement
Fluorescence measurement
Analytical instrument
Applications
High sensitivity in the short wavelength range
Low noise equivalent power
Compact and lightweight
Analog output
Built-in temperature compensation circuit
Features
Built-in MPPC (new product) for precision measurement


Similar Part No. - C13365_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
More results

Similar Description - C13365_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
C11202 HAMAMATSU-C11202_15 Datasheet
380Kb / 5P
   Single pixel photon counting module for low-light-level detection
A11213 HAMAMATSU-A11213 Datasheet
1Mb / 28P
   Optical Components for Optical Measurement
logo
Maxim Integrated Produc...
MAX16946EVKIT MAXIM-MAX16946EVKIT Datasheet
567Kb / 8P
   Analog Current-Measurement Output
Rev 0; 3/11
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
logo
Dialight Corporation
515-1061 DIALIGHT-515-1061 Datasheet
19Kb / 1P
   Optical Light Pipe, Bi-Level
logo
National Instruments Co...
CFP-AO-200 NI-CFP-AO-200 Datasheet
277Kb / 5P
   Analog Output Modules for Compact FieldPoint
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com