Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 3 Page - Texas Instruments

Part No. TPS40140
Description  TPS40140 Dual or 2-Phase, Stackable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40140_15 Datasheet HTML 1Page - Texas Instruments TPS40140_15 Datasheet HTML 2Page - Texas Instruments TPS40140_15 Datasheet HTML 3Page - Texas Instruments TPS40140_15 Datasheet HTML 4Page - Texas Instruments TPS40140_15 Datasheet HTML 5Page - Texas Instruments TPS40140_15 Datasheet HTML 6Page - Texas Instruments TPS40140_15 Datasheet HTML 7Page - Texas Instruments TPS40140_15 Datasheet HTML 8Page - Texas Instruments TPS40140_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
27
26
25
24
23
22
21
20
19
DIFFO
VOUT
GSNS
PHSEL
RT
VSHARE
GND
BP5
FB2
1
2
3
4
5
6
7
8
9
BOOT1
HDRV1
SW1
LDRV1
PGND
LDRV2
VREG
SW2
HDRV2
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
5 Device Comparison Table
DEVICE
DESCRIPTION
TPS40130
2-phase synchronous buck controller with integrated MOSFET drivers
TPS40090
4-channel multi-phase DC-DC controller with tri-state
TPS40120
Feedback divider, digitally controlled
6 Pin Configuration and Functions
RHH PACKAGE
VQFN 36-PINS
(TOP VIEW)
The thermal pad is an electrical ground connection.
Pin Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
BOOT1 provides a bootstrapped supply for the high side FET driver for PWM1, enabling the gate of the high
BOOT1
27
I
side FET to be driven above the input supply rail. Connect a capacitor from BOOT1 to SW1 pin and a Schottky
diode from this pin to VREG.
BOOT2 provides a bootstrapped supply for the high side FET driver for PWM2, enabling the gate of the high
BOOT2
18
I
side FET to be driven above the input supply rail. Connect a capacitor from BOOT2 to SW2 pin and a Schottky
diode from this pin to VREG.
Filtered input from the VREG pin. A 10-
Ω resistor should be connected between VREG and BP5 and a 1.0-μF
BP5
8
I
ceramic capacitor should be connected from BP5 to ground.
Digital clock signal for synchronizing slave controllers to the master CLKIO frequency and is either 6 or 8 times
CLKIO
28
O
the PWM switching frequency.
COMP1
35
O
Output of the error amplifier, CH1. The voltage at this pin determines the duty cycle for the PWM1.
(1)
It is often necessary to refer to a pin or pins that are used in CH1 and/or CH2. The shortcut nomenclature used is the pin name with a
lower case 'x' to mean either or both channels. For example, TRKx refers to TRK1 and/or TRK2.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS40140


Similar Part No. - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz