Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 51 Page - Texas Instruments

Part No. TPS40140
Description  TPS40140 Dual or 2-Phase, Stackable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TPS40140_15 Datasheet HTML 47Page - Texas Instruments TPS40140_15 Datasheet HTML 48Page - Texas Instruments TPS40140_15 Datasheet HTML 49Page - Texas Instruments TPS40140_15 Datasheet HTML 50Page - Texas Instruments TPS40140_15 Datasheet HTML 51Page - Texas Instruments TPS40140_15 Datasheet HTML 52Page - Texas Instruments TPS40140_15 Datasheet HTML 53Page - Texas Instruments TPS40140_15 Datasheet HTML 54Page - Texas Instruments TPS40140_15 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
RT
SW
3
1.058
R
1.33 (39.2 10
(f
)
7)
71.5 k
-
=
´
´
´
-
=
W
(
)
(
)
OUT
PH
IN _ NORM
PH
PH
SW
OUT
PH
PH
2
3
3
2
2
2
V
1 D
m
m 1
N
m
m 1
I
D
D
m 1
D
m
D
N
N
L f
I
N
N
12 D
é
ù
´ -
+
+
æ
ö æ
ö
æ
ö
æ
ö
=
-
´
-
+
´
+
´
-
+
´
-
ê
ú
ç
÷ ç
÷
ç
÷
ç
÷
´
´
è
ø è
ø
è
ø
è
ø
´
ë
û
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
Another important consideration for the input capacitor is the RMS ripple current rating. Due to the interleaving of
multi-phase, the input RMS current is reduced. The input ripple current RMS value over load current is calculated
in Equation 58.
where
D is the duty cycle for a single phase
NPH is the number of active phases, here it is equal to 2
m = floor (NPH × D) is the maximum integer that does not exceed the (NPH × D), here m is 0
(58)
The input ripple RMS current is calculated in Equation 59. In this design, the maximum IIN_NORM is calculated to
be 0.225 with the minimum input voltage, and the maximum input ripple RMS current is 7.2 A. Each selected
ceramic capacitor has a RMS current rating of 4.3 A, therefore, sufficient to reach this requirement.
IRMS_CIN = IIN_NORM × IOUT
(59)
9.2.2.2.3
Step 3: Peripheral Component Design
9.2.2.2.3.1
Switching Frequency Setting (Rt Pin 5)
where
ƒsw represents the phase switching frequency
(60)
In the design, a 64.9-k
Ω resistor is selected. The actual switching frequency is 490 kHz.
9.2.2.2.3.2
COMP1 and COMP2 (Pin 35 and Pin 10)
COMP1 is connected to the compensator network. The selection of compensation components is similar to the
dual output design example.
COMP2 is directly tied to COMP1.
9.2.2.2.3.3
TRK1 and TRK2 (Pin 33 and Pin 12)
A soft start capacitor is connected between TRK1 and GND. TRK2 is directly tied to BP5 to set this channel as a
slave
9.2.2.2.3.4
ILIM1 and ILIM2 (Pin 34 and Pin 11)
ILIM1 is connected to the resistor network that has the same design as the dual output example. The peak
current in Equation 42 and Equation 43 is the peak current of each phase.
ILIM2 is connected to GND.
9.2.2.2.3.5
FB1 and FB2 (Pin 36 and Pin 9)
FB1 is tied to the feedback network. FB2 is connected to GND.
9.2.2.2.3.6
PHSEL (Pin 4)
For this two phase configuration, the PHSEL pin is directly tied to GND.
9.2.2.2.3.7
PGOOD1 and PGOOD2 (Pin 30 and Pin 15)
Both of PGOOD1 and PGOOD2 are tied to BP5 with a 10-k
Ω resistor.
9.2.2.2.3.8
CLKIO (Pin 28)
CLKIO is open as no clock synchronization required for two phase configuration.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: TPS40140


Similar Part No. - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz