Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 39 Page - Texas Instruments

Part No. TPS40140
Description  TPS40140 Dual or 2-Phase, Stackable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS40140_15 Datasheet HTML 35Page - Texas Instruments TPS40140_15 Datasheet HTML 36Page - Texas Instruments TPS40140_15 Datasheet HTML 37Page - Texas Instruments TPS40140_15 Datasheet HTML 38Page - Texas Instruments TPS40140_15 Datasheet HTML 39Page - Texas Instruments TPS40140_15 Datasheet HTML 40Page - Texas Instruments TPS40140_15 Datasheet HTML 41Page - Texas Instruments TPS40140_15 Datasheet HTML 42Page - Texas Instruments TPS40140_15 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
R2
R1
R2
+
L1
R1 R2
DCR
C1
=
´
R1
L1
DCR
C1
To CSRTx
To CSx
R2
VOUT
VIN
+
VC
(
)
OUT
C
IN
OUT
OC
SW
IN
V
1
V
V
V
I
DCR
2
R1 C1 f
V
=
´
-
´
+
´
´
´
´
L1
R1
DCR
C1
=
´
R1
L1
DCR
C1
To CSRTx
To CSx
VOUT
VIN
+
VC
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
Figure 38. Inductor DCR Current Sense Approach
The inductor L1 consists of inductance, L, and resistance, DCR. The time constant of the inductor: L / DCR
should equal the R1 × C1 time constant. Then choosing a value for C1 (0.1
μF is a good choice) solving for R1 is
shown in Equation 17.
(17)
The voltage into the current sense amplifier of the controller , VC, is calculated in Equation 18.
(18)
As the DC load increases the majority of the voltage, VC, is determined by (IOC ×DCR), where IOC is the per
phase DC output current. It is important that at the overcurrent set point that the peak voltage of VC does not
exceed 60 mV, the maximum differential input voltage. If the voltage VC exceeds 60 mV, a resistor, R2,can be
added in parallel with C1 as shown in Figure 39. Adding R2 reduces the equivalent inductor DCR by the ratio
shown in Equation 20
Figure 39. Using Resistor R2 to Reduce the Current Sense Amplifier Voltage
The parallel combination of R1 and R2 is shown in Equation 19.
(19)
The ratio shown in Equation 20 provides the required voltage attenuation.
(20)
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TPS40140


Similar Part No. - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz