Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140 Datasheet(PDF) 35 Page - Texas Instruments

Part # TPS40140
Description  TPS40140 Dual or 2-Phase, Stackable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS40140_15 Datasheet HTML 31Page - Texas Instruments TPS40140_15 Datasheet HTML 32Page - Texas Instruments TPS40140_15 Datasheet HTML 33Page - Texas Instruments TPS40140_15 Datasheet HTML 34Page - Texas Instruments TPS40140_15 Datasheet HTML 35Page - Texas Instruments TPS40140_15 Datasheet HTML 36Page - Texas Instruments TPS40140_15 Datasheet HTML 37Page - Texas Instruments TPS40140_15 Datasheet HTML 38Page - Texas Instruments TPS40140_15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
OUT
SHR
PEAK
SNS
IN
ph
V
RAMP
COMP
RAMP
V
(I
R
) 12.5
V
2N
=
´
+
+
+
´
´
OUT
e
SHR
IN
ph
V
RAMP
V
RAMP
V
V
2N
=
´
+
+
5
.
12
)
R
I
(
V
COMP
SNS
PEAK
e
´
´
+
=
Error
Amplifier
PWM
CSn
Ramp
U1
VSHARE
CS gain = 12. 5
COMP
CSRTn
RSNS
VOUT
IOUT
U2
U3
U4
U5
U6
20 µA
U7
Overcurrent
+
+
+
+
+
+
R2
R1
ILIM
VOUT
0.5 V
0 V
+
1.8 V
UDG-12122
Ve
+
VC
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
9.1.17
Current Sense
Figure 35 shows the current sensing and overcurrent detection architecture.
Figure 35. Output Current Sensing and Overcurrent Detection
The output current, IOUT, flows through RSNS and develops a voltage, VC across it, representative of the output
current. The voltage, VC, could also be derived from an R-C network in parallel with the output inductor. This
voltage is amplified with a gain of 12.5 and then subtracted from the Error Amp output, COMP, to generate the
Ve voltage. The Ve signal is compared to the slope-compensation RAMP signal to generate the PWM for the
modulator. As the output current is increased, the amplified VC causes the Ve signal to decrease. In order to
maintain the proper duty cycle (PWM), the COMP signal must increase. Therefore the magnitude of the COMP
signal contains the output current information:
(8)
This is integral in the overcurrent detection as can be seen at comparator U7, comparing the ILIM voltage with
COMP. In order to have the proper duty cycle at PWM, Ve is shown in Equation 9.
where
Nph is 6 if PHSEL voltage = 1.6 ± 0.2 V, otherwise Nph is 8
(9)
Combining equations:
(10)
Equation 10 shows the reason for resistors R1 and R2 being tied to VSHR and VOUT, respectively.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TPS40140


Similar Part No. - TPS40140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com