Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 33 Page - Texas Instruments

Part No. TPS40140
Description  TPS40140 Dual or 2-Phase, Stackable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS40140_15 Datasheet HTML 29Page - Texas Instruments TPS40140_15 Datasheet HTML 30Page - Texas Instruments TPS40140_15 Datasheet HTML 31Page - Texas Instruments TPS40140_15 Datasheet HTML 32Page - Texas Instruments TPS40140_15 Datasheet HTML 33Page - Texas Instruments TPS40140_15 Datasheet HTML 34Page - Texas Instruments TPS40140_15 Datasheet HTML 35Page - Texas Instruments TPS40140_15 Datasheet HTML 36Page - Texas Instruments TPS40140_15 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
R
BIAS + 0.7
R1
V
OUT * 0.7
COMP
+
RBIAS
0.7 V
VFB
VOUT
UDG-05100
R1
+
VOUT
GSNS
DIFFO
30 kW
30 kW
30 kW
30 kW
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
9.1.9 Differential Amplifier, U9
The unity gain differential amplifier has high bandwidth to achieve improved regulation at user defined point of
load and ease layout constrains. The output voltage is sensed between the VOUT and GSNS pins. The output
voltage programming divider is connected to the output of the amplifier, the DIFFO pin.
Figure 32. Differential Amplifier Configuration
DESIGN HINT
Because of the resistor configuration of the differential amplifier, the input impedance must
be kept very low or errors result in setting the output voltage.
9.1.10 Setting the Output Voltage
Two resistors, R1 and RBIAS sets the output voltage as shown in Figure 33.
Figure 33. Setting the Output Voltage With RBIAS
RBIAS is calculated in Equation 6.
(6)
9.1.11 Programmable Input UVLO Protection
A voltage divider that sets 2 V on the UVLO_CEx pins determines when the controller begins to operate. The
internal regulators are enabled when the voltage on the UVLO_CEx pins exceeds 1 V, but switching commences
when the voltage is 2 V.
9.1.12 CLKFLT, CLKIO Pin Fault
If the CLKIO signal is to be distributed from the master to the slave controllers, and is not there, the slave
controller enters a ‘Standby’ mode. The upper and lower MOSFETs are turned off but the internal 5-V regulator
is still active and VREG is present. The CLKIO signal could be turned off at the master controller or the
connection to the slave CLKIO input could be opened. If the CLKIO signal is restored, normal operation
continues.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TPS40140


Similar Part No. - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz